| Zakładka z wyszukiwarką danych komponentów |
|
TL431ILPR Arkusz danych(PDF) 37 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431ILPR Arkusz danych(HTML) 37 Page - Texas Instruments |
|
37 / 79 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-Apr-2013 Addendum-Page 5 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples TL431AQDBVTG4 ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (TAQG ~ TAQU) TL431AQDBZR ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (TAQ3 ~ TAQS ~ TAQU) TL431AQDBZRG4 ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (TAQ3 ~ TAQS ~ TAQU) TL431AQDBZT ACTIVE SOT-23 DBZ 3 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (TAQS ~ TAQU) TL431AQDBZTG4 ACTIVE SOT-23 DBZ 3 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (TAQS ~ TAQU) TL431AQDCKR ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 T7U TL431AQDCKRE4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 T7U TL431AQDCKRG4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 T7U TL431AQDCKT ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 T7U TL431AQDCKTE4 ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 T7U TL431AQDCKTG4 ACTIVE SC70 DCK 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 T7U TL431AQPK ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 4D TL431AQPKG3 ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 125 4D TL431BCD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 T431B TL431BCDBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 (T3G3 ~ T3GG ~ T3GU) TL431BCDBVRE4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 (T3G3 ~ T3GG ~ T3GU) TL431BCDBVRG4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 (T3G3 ~ T3GG ~ T3GU) TL431BCDBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 (T3G3 ~ T3GG ~ T3GU) |