Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS922AIST Arkusz danych(PDF) 21 Page - STMicroelectronics

Numer części TS922AIST
Szczegółowy opis  Rail-to-rail, high output current dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922AIST Arkusz danych(HTML) 21 Page - STMicroelectronics

Back Button TS922AIST Datasheet HTML 16Page - STMicroelectronics TS922AIST Datasheet HTML 17Page - STMicroelectronics TS922AIST Datasheet HTML 18Page - STMicroelectronics TS922AIST Datasheet HTML 19Page - STMicroelectronics TS922AIST Datasheet HTML 20Page - STMicroelectronics TS922AIST Datasheet HTML 21Page - STMicroelectronics TS922AIST Datasheet HTML 22Page - STMicroelectronics TS922AIST Datasheet HTML 23Page - STMicroelectronics TS922AIST Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DocID5150 Rev 11
21/24
TS922, TS922A
Package information
24
5.5
DIP8 package information
Figure 21. DIP8 package mechanical drawing
Table 9. DIP8 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24