| Zakładka z wyszukiwarką danych komponentów |
|
M68ICS08GR Arkusz danych(PDF) 75 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR Arkusz danych(HTML) 75 Page - Freescale Semiconductor, Inc |
|
75 / 408 page ![]() Resets and Interrupts Interrupts MC68HC908GR8 — Rev 4.0 Technical Data MOTOROLA Resets and Interrupts 75 4.4.3 Interrupt Status Registers The flags in the interrupt status registers identify maskable interrupt sources. Table 4-2 summarizes the interrupt sources and the interrupt status register flags that they set. The interrupt status registers can be useful for debugging. Table 4-2. Interrupt Source Flags Interrupt Source Interrupt Status Register Flag Reset — SWI instruction — IRQ pin IF1 CGM (PLL) IF2 TIM1 channel 0 IF3 TIM1 channel 1 IF4 TIM1 overflow IF5 TIM2 channel 0 IF6 Reserved IF7 TIM2 overflow IF8 SPI receive IF9 SPI transmit IF10 SCI error IF11 SCI receive IF12 SCI transmit IF13 Keyboard IF14 ADC conversion complete IF15 Timebase IF16 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |