Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OMAP3530ECUS Arkusz danych(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Numer części OMAP3530ECUS
Szczegółowy opis  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS Arkusz danych(HTML) 34 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 30Page - Texas Instruments OMAP3530ECUS Datasheet HTML 31Page - Texas Instruments OMAP3530ECUS Datasheet HTML 32Page - Texas Instruments OMAP3530ECUS Datasheet HTML 33Page - Texas Instruments OMAP3530ECUS Datasheet HTML 34Page - Texas Instruments OMAP3530ECUS Datasheet HTML 35Page - Texas Instruments OMAP3530ECUS Datasheet HTML 36Page - Texas Instruments OMAP3530ECUS Datasheet HTML 37Page - Texas Instruments OMAP3530ECUS Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 264 page
background image
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
Table 2-1. Ball Characteristics (CBB Pkg.) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
C25
NA
cam_ xclka
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_96
4
IO
safe_mode
7
C27
NA
cam_pclk
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_97
4
IO
safe_mode
7
C23
NA
cam_fld
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
cam_global_r 2
IO
eset
gpio_98
4
IO
safe_mode
7
AG17
NA
cam_d0
0
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
gpio_99
4
I
safe_mode
7
AH17
NA
cam_d1
0
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
gpio_100
4
I
safe_mode
7
B24
NA
cam_d2
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_101
4
IO
safe_mode
7
C24
NA
cam_d3
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_102
4
IO
safe_mode
7
D24
NA
cam_d4
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_103
4
IO
safe_mode
7
A25
NA
cam_d5
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_104
4
IO
safe_mode
7
K28
NA
cam_d6
0
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
gpio_105
4
IO
8
safe_mode
7
NA
L28
NA
cam_d7
0
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
gpio_106
4
IO
8
safe_mode
7
NA
K27
NA
cam_d8
0
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
gpio_107
4
IO
8
safe_mode
7
NA
L27
NA
cam_d9
0
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
gpio_108
4
IO
8
safe_mode
7
NA
B25
NA
cam_d10
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_109
4
IO
safe_mode
7
C26
NA
cam_d11
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_110
4
IO
safe_mode
7
B26
NA
cam_ xclkb
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_111
4
IO
safe_mode
7
B23
NA
cam_wen
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
cam_ shutter 2
O
gpio_167
4
IO
safe_mode
7
D25
NA
cam_ strobe
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
TERMINAL DESCRIPTION
34
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More