Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OMAP3530ECBB Arkusz danych(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Numer części OMAP3530ECBB
Szczegółowy opis  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Arkusz danych(HTML) 29 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 25Page - Texas Instruments OMAP3530ECBB Datasheet HTML 26Page - Texas Instruments OMAP3530ECBB Datasheet HTML 27Page - Texas Instruments OMAP3530ECBB Datasheet HTML 28Page - Texas Instruments OMAP3530ECBB Datasheet HTML 29Page - Texas Instruments OMAP3530ECBB Datasheet HTML 30Page - Texas Instruments OMAP3530ECBB Datasheet HTML 31Page - Texas Instruments OMAP3530ECBB Datasheet HTML 32Page - Texas Instruments OMAP3530ECBB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 264 page
background image
OMAP3530/25 Applications Processor
www.ti.com
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
Table 2-1. Ball Characteristics (CBB Pkg.) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
D1
W22
sdrc_a12
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
E2
W23
sdrc_a13
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
E1
Y22
sdrc_a14
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
H11
M22
sdrc_ncs0
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
H12
M23
sdrc_ncs1
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
A13
A11
sdrc_clk
0
IO
L
0
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A14
B11
sdrc_nclk
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
H16
J22
sdrc_cke0
0
O
H
1
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
safe_mode
7
H17
J23
sdrc_cke1
0
O
H
1
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
safe_mode
7
H14
L23
sdrc_nras
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
H13
L22
sdrc_ncas
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
H15
K23
sdrc_nwe
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
B7
C1
sdrc_dm0
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
A16
A17
sdrc_dm1
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
B11
A6
sdrc_dm2
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
C20
A20
sdrc_dm3
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
A6
C2
sdrc_dqs0
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A17
B17
sdrc_dqs1
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A10
B6
sdrc_dqs2
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A20
B20
sdrc_dqs3
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
N4
AC15
gpmc_a1
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_34
4
IO
safe_mode
7
M4
AB15
gpmc_a2
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_35
4
IO
safe_mode
7
L4
AC16
gpmc_a3
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_36
4
IO
safe_mode
7
K4
AB16
gpmc_a4
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_37
4
IO
safe_mode
7
T3
AC17
gpmc_a5
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_38
4
IO
safe_mode
7
R3
AB17
gpmc_a6
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_39
4
IO
safe_mode
7
N3
AC18
gpmc_a7
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_40
4
IO
safe_mode
7
M3
AB18
gpmc_a8
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_41
4
IO
safe_mode
7
L3
AC19
gpmc_a9
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq2
gpio_42
4
IO
safe_mode
7
K3
AB19
gpmc_a10
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq3
gpio_43
4
IO
Submit Documentation Feedback
TERMINAL DESCRIPTION
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More