Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OMAP3530ECBBA Arkusz danych(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Numer części OMAP3530ECBBA
Szczegółowy opis  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Arkusz danych(HTML) 71 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 67Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 68Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 69Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 70Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 71Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 72Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 73Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 74Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 264 page
background image
OMAP3530/25 Applications Processor
www.ti.com
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
B20
sdrc_cke0
0
O
H
1
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
safe_mode
7
C20
sdrc_cke1
0
O
H
1
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
safe_mode
7
D19
sdrc_nras
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
C19
sdrc_ncas
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
A20
sdrc_nwe
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
B6
sdrc_dm0
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
B13
sdrc_dm1
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
A7
sdrc_dm2
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
A16
sdrc_dm3
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
A5
sdrc_dqs0
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A13
sdrc_dqs1
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A8
sdrc_dqs2
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A17
sdrc_dqs3
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
K4
gpmc_a1
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_34
4
IO
safe_mode
7
K3
gpmc_a2
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_35
4
IO
safe_mode
7
K2
gpmc_a3
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_36
4
IO
safe_mode
7
J4
gpmc_a4
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_37
4
IO
safe_mode
7
J3
gpmc_a5
0
O
L
L
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_38
4
IO
safe_mode
7
J2
gpmc_a6
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_39
4
IO
safe_mode
7
J1
gpmc_a7
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_40
4
IO
safe_mode
7
H1
gpmc_a8
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_41
4
IO
safe_mode
7
H2
gpmc_a9
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq2
gpio_42
4
IO
safe_mode
7
G2
gpmc_a10
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq3
gpio_43
4
IO
safe_mode
7
L2
gpmc_d0
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
M1
gpmc_d1
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
M2
gpmc_d2
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
N2
gpmc_d3
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
M3
gpmc_d4
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
P1
gpmc_d5
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
Submit Documentation Feedback
TERMINAL DESCRIPTION
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More