Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATAVRISP2 Arkusz danych(PDF) 5 Page - ATMEL Corporation

Numer części ATAVRISP2
Szczegółowy opis  AVR069: AVRISP mkII Communication Protocol
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRISP2 Arkusz danych(HTML) 5 Page - ATMEL Corporation

  ATAVRISP2 Datasheet HTML 1Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 2Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 3Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 4Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 5Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 6Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 7Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 8Page - ATMEL Corporation ATAVRISP2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AVR069
5
8015B-AVR-02/06
3.1.6 CMD_FIRMWARE_UPGRADE
When the host is trying to connect to the programmer, it checks the firmware version.
A firmware upgrade is initiated if a newer version is available on the PC.
The AVRISP mkII can “reboot” into upgrade mode by using this command.
Table 3-12. Command format
Field
Size
Value
Description
Command ID
1 byte
CMD_FIRMWARE_UPGRADE
Command id
Parameter ID
9 bytes
”fwupgrade”
String to enable upgrade
mode (not null terminated)
Table 3-13. Answer format
Field
Size
Value
Description
Answer ID
1 byte
CMD_FIRMWARE_UPGRADE
Answer id
Status
1 byte
STATUS_CMD_OK or
STATUS_CMD_FAILED
A status value indicating
the result of the operation
If the status returned is STATUS_CMD_OK, the AVRISP mkII will disconnect and
enter upgrade mode.
3.1.7 CMD_RESET_PROTECTION
This command resets the short circuit protection system after a short circuit state has
been returned by the PARAM_STATUS_TGT_CONN.
Table 3-14. Command format
Field
Size
Value
Description
Command ID
1 byte
CMD_RESET_PROTECTION
Command id
Table 3-15. Answer format
Field
Size
Value
Description
Answer ID
1 byte
CMD_RESET_PROTECTION
Answer id
Status
1 byte
STATUS_CMD_OK
This command will always
return STATUS_CMD_OK
3.2 ISP Programming Commands
These commands handles FLASH, EEPROM, fuse bytes, lock bits, signature and
oscillator calibration programming in ISP mode.
3.2.1 CMD_ENTER_PROGMODE_ISP
This command will make the target device enter programming mode.
XML path: /AVRPART/ICE_SETTINGS/STK500_2/IspEnterProgMode/
Table 3-16. Command form
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24