Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MDDCD2S Arkusz danych(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Numer części MDDCD2S
Szczegółowy opis  Voltage Range - 200 to 1000 Volts Current - 1.0 Ampere Ideal for printed circuit board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Strona internetowa  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MDDCD2S Arkusz danych(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MDDCD2S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MDDCD2S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MDDCD2S Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CD2S THRU CD10S
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Voltage Range - 200 to 1000 Volts
Current - 1.0 Ampere
CDS
Features:
1A , 200 - 1000V
Glass passivated junction
Ideal for printed circuit board
Thin body, flat lead
High
temperature
soldering
guaranteed: 260 ℃ /10seconds/
0.375”(9.5mm)
Leads solderable per
MIL-STD-202,Method 208
High reliability under 125
working environment, with the
limit temperature 150℃
These are powerful bridge rectifiers with
enhanced Glass Passivated Junction P-N
chips. They are advanced rectifiers designed,
tested and guaranteed to withstand a specified
level of energy in the forward mode of
operation. All of these rectifiers are designed
for applications such as,switching convertors.
They have the low negative leakage and low
forward voltage drop, which allows these types
to be operated directly from integrated circuits.
D1
D2
D3
D4
+
-
~
~
-
+
AC1
AC2
Outline Drawing : Dimensions in inches(millimeters)
Bridge Rectifier Datasheet


Podobny numer części - MDDCD2S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Semiconducto...
MDDCD2S CHENDA-MDDCD2S Datasheet
1Mb / 3P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Podobny opis - MDDCD2S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
HER101G RECTRON-HER101G Datasheet
29Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
1N4942G DAESAN-1N4942G Datasheet
320Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 200 to 1000 Volts
logo
Chenmko Enterprise Co. ...
1N4942PT CHENMKO-1N4942PT Datasheet
88Kb / 2P
VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
logo
WILLAS ELECTRONIC CORP
1N4001 WILLAS-1N4001 Datasheet
262Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
1F1 WILLAS-1F1 Datasheet
503Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101 WILLAS-FFM101 Datasheet
43Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RL1N4001 WILLAS-RL1N4001 Datasheet
469Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Microdiode Semiconducto...
CD2S CHENDA-CD2S Datasheet
949Kb / 3P
200 to 1000 Volts Current - 1.0 Ampere
logo
PACELEADER INDUSTRIAL
FR101 PACELEADER-FR101 Datasheet
534Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com