Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5541LR Arkusz danych(PDF) 15 Page - Analog Devices

Numer części AD5541LR
Szczegółowy opis  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5541LR Arkusz danych(HTML) 15 Page - Analog Devices

Back Button AD5541LR Datasheet HTML 11Page - Analog Devices AD5541LR Datasheet HTML 12Page - Analog Devices AD5541LR Datasheet HTML 13Page - Analog Devices AD5541LR Datasheet HTML 14Page - Analog Devices AD5541LR Datasheet HTML 15Page - Analog Devices AD5541LR Datasheet HTML 16Page - Analog Devices AD5541LR Datasheet HTML 17Page - Analog Devices AD5541LR Datasheet HTML 18Page - Analog Devices AD5541LR Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD5541/AD5542
Rev. F | Page 15 of 20
APPLICATIONS INFORMATION
OPTOCOUPLER INTERFACE
The digital inputs of the AD5541/AD5542 are Schmitt-triggered so
that they can accept slow transitions on the digital input lines.
This makes these parts ideal for industrial applications where it
may be necessary to isolate the DAC from the controller via
optocouplers. Figure 29 illustrates such an interface.
10kΩ
10µF
0.1µF
VDD
VOUT
VDD
SCLK
POWER
10kΩ
VDD
CS
CS
DIN
GND
SCLK
10kΩ
VDD
DIN
5V
REGULATOR
AD5541/AD5542
Figure 29. AD5541/AD5542 in an Optocoupler Interface
DECODING MULTIPLE AD5541/AD5542s
The CS pin of the AD5541/AD5542 can be used to select one of
a number of DACs. All devices receive the same serial clock and
serial data, but only one device receives the CS signal at any one
time. The DAC addressed is determined by the decoder. There is
some digital feedthrough from the digital input lines. Using a
burst clock minimizes the effects of digital feedthrough on the
analog signal channels. Figure 30 shows a typical circuit.
AD5541/AD5542
CS
DIN
SCLK
VOUT
AD5541/AD5542
CS
DIN
SCLK
VOUT
AD5541/AD5542
CS
DIN
SCLK
VOUT
AD5541/AD5542
CS
DIN
SCLK
VOUT
VDD
DGND
EN
CODED
ADDRESS
SCLK
DIN
ENABLE
DECODER
Figure 30. Addressing Multiple AD5541/AD5542s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com