| Zakładka z wyszukiwarką danych komponentów |
|
AT90USBKEY Arkusz danych(PDF) 7 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USBKEY Arkusz danych(HTML) 7 Page - ATMEL Corporation |
|
7 / 8 page ![]() © 2011 / www.atmel.com 6 Atmel Crypto Products Portfolio Family of Secure Authentication Solutions Tools and Support Atmel CryptoAuthentication Kits Evaluation Kit – Atmel® AT88CK454BLACK Includes a low cost USB dongle board for demonstrating the functionality of the Atmel CryptoAuthentication™ ATSHA204 device. Software tools and libraries available at www.atmel.com Single Socket Starter Kit – Atmel AT88CK101STK8 Includes a single socket board for client development, an Atmel AVR® microbase board, USB extension cable and samples of the ATSHA204 device. Designed to be used with the Atmel STK500/STK600 development kits or as a stand-alone kit via USB connectivity. Software tools and libraries available at www.atmel.com Dual Socket Starter Kit – Atmel AT88CK109STK8 Includes a dual-socket board for client or client/host development, an Atmel AVR microbase board, USB extension cable, and samples of the Atmel ATSHA204 device. Designed to be used with the Atmel STK500/STK600 development kits or as a stand-alone kit via USB connectivity. Software tools and libraries available at www.atmel.com Security Xplained – Atmel ATAVRSECURITYX Security Xplained is an add-on board for the Atmel AVR Xplained series that adds security functionality. Security Xplained is ASF library supported and demonstrates how the Atmel ATSHA204 device requires only a very simple circuit design and minimal external components to add security to any system. Software tools and libraries available at www.atmel.com Atmel CryptoMemory Kits Starter Kit – Atmel AT88SC-ADK2 Includes a dual socket board for Atmel CryptoMemory® and Atmel CryptoCompanion™ development on an Atmel AVR platform, USB cable, and samples of CryptoMemory and CryptoCompanion devices. Software tools and libraries available at www.atmel.com Atmel CryptoRF Kits Starter Kit – Atmel AT88CK201STK Includes a reader board for Atmel CryptoRF® development, an AT88Microbase AVR board, USB cable and samples of CryptoRF tags. Software tools and libraries available at www.atmel.com Atmel CryptoController Kits Embedded Development Kit – Atmel AT97SC3204T-X1K180 Based on the Atmel AVR AT90USBKey kit with an added Embedded TWI (2-wire) TPM card and Embedded TWI TPM demonstration and evaluation software. The kit includes TPM TWI module, Atmel AT90USBKey, USB adapter cables, USB flash drive with sample code and documentation and an alternate 9V battery supply cable. PC Evaluation Daughter Board – Atmel AT97SC3204-X1DB190 This compact daughter board is designed to provide a simple PC interface to system designers via an industry standard 20-pin header. Includes a daughter board with 20-pin header and a mounted Atmel TCG compliant v1.2 LPC TPM. For other kit options to support a variety of development needs, visit www.atmel.com |