| Zakładka z wyszukiwarką danych komponentów |
|
ATS-EXL12-150-R0 Arkusz danych(PDF) 1 Page - Advanced Thermal Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
ATS-EXL12-150-R0 Arkusz danych(HTML) 1 Page - Advanced Thermal Solutions, Inc. |
|
|
1 / 1 page ![]() Thermal Performance DIMENSION A DIMENSION B DIMENSION C DIMENSION D INTERFACE MATERIAL FINISH For more information, to find a distributor or to place an order, visit www.Qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe). ATS PART # ATS-EXL12-150-R0 Features & Benefits ATS Extrusion Profiles REV1_0908 *Image above is for illustration purposes only. NoTES: Thermal curve based on 76 mm length. Thermal performance data are provided for reference only. Actual performance may vary by application. ATS reserves the right to update or change its products without notice to improve the design or performance. Contact ATS to learn about custom options available. 1) 2) 3) 4) 152.4 mm 163.5 mm 33.32 mm 7.93 mm 7.92 mm NONE Aluminum extrusions are the most cost- effective solution for the majority of electronic cooling applications This extrusion profile has 21 fins Extrusion type is straight fin, AL-6063 Surface area (in2/in) is 54.50 » » » » HEAT SINK THERMAL RESISTANCE Product Details LENGTH WIDTH HEIGHT FIN SPACING BASE THICKNESS FINISH |
Podobny numer części - ATS-EXL12-150-R0 |
|
Podobny opis - ATS-EXL12-150-R0 |