Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PJET3V3TS Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części PJET3V3TS
Szczegółowy opis  SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJET3V3TS Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  PJET3V3TS Datasheet HTML 1Page - Pan Jit International Inc. PJET3V3TS Datasheet HTML 2Page - Pan Jit International Inc. PJET3V3TS Datasheet HTML 3Page - Pan Jit International Inc. PJET3V3TS Datasheet HTML 4Page - Pan Jit International Inc. PJET3V3TS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
June 20,2013-REV.00
PJET3V3TS
VOLTAGE
IPP
3.3 Volts
5.5 Amperes
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
• Small package for use in portable electronics
• Suitable replacement for MLV’S in ESD protection applications
• Low clamping voltage and leakage current
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MAXIMUM RATINGSAND ELECTRICALCHATACTERISTICS
• Case : SOD-523 plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx Weight : 0.0014 grams
• Marking : QN
APPLICATIONS
FEATURES
1
2
Cathode
Anode
ELECTRICALCHATACTERISTICS
NOTES :
1. Non-repetitive current pulse.
2. Mounted on copper pads to each terminal.
3. Peak pulse power waveform is 8/20
s.
4. A transient suppressor is selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than the DC
or continuous peak operating voltage level.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage (Notes 4)
V
RWM
--
-
3.3
V
Reverse Breakdown Voltage
V
BR
I
BR=1mA
5.25
-
5.95
V
Reverse Leakage Current
I
R
V
R=3.3V
-
-
0.5
A
Clamping Voltage (8/20
s)
V
C
I
PP=5.5A
-
-
7.9
V
Off State Junction Capacitance
C
J
0Vdc Bias, f=1MHz
-
-
40
pF
Rating
Symbol
Value
Units
Peak Pulse Current on 8/20
s waveform (Notes 1,2,3)
I
PPM
5.5
Amps
ESD Voltage Air Mode
V
ESD
25
KV
ESD Voltage Contact Mode
V
ESD
30
KV
Operating Temperature And Storage Temperature
T
J,TSTG
-55 to +150
OC
0.20 MIN.
0.034(0.85)
0.029(0.75)
0.014(0.35)
0.009(0.25)
0.006(0.15)
0.002(0.05)
0.026(0.65)
0.021(0.55)
0.067(1.70)
0.059(1.50)
0.050(1.25)
0.045(1.15)


Podobny numer części - PJET3V3TS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
PJET3V3TS PANJIT-PJET3V3TS_14 Datasheet
192Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results

Podobny opis - PJET3V3TS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
PJSD03W PANJIT-PJSD03W Datasheet
97Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TG PANJIT-PJSD03TG_09 Datasheet
191Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TS PANJIT-PJSD03TS_10 Datasheet
101Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
logo
Shenzhen Luguang Electr...
ESD5Z03T1 LUGUANG-ESD5Z03T1 Datasheet
216Kb / 4P
Single Line TVS Diode For ESD Protection Portable Electronics
logo
Pan Jit International I...
PJE24HWS PANJIT-PJE24HWS Datasheet
176Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02-AU PANJIT-PJSD05TS-02-AU Datasheet
123Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD36W-AU PANJIT-PJSD36W-AU Datasheet
73Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TS-AU PANJIT-PJSD03TS-AU Datasheet
188Kb / 6P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com