Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51113ADNF Arkusz danych(PDF) 49 Page - Renesas Technology Corp

Numer części R5F51113ADNF
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51113ADNF Arkusz danych(HTML) 49 Page - Renesas Technology Corp

Back Button R5F51113ADNF Datasheet HTML 45Page - Renesas Technology Corp R5F51113ADNF Datasheet HTML 46Page - Renesas Technology Corp R5F51113ADNF Datasheet HTML 47Page - Renesas Technology Corp R5F51113ADNF Datasheet HTML 48Page - Renesas Technology Corp R5F51113ADNF Datasheet HTML 49Page - Renesas Technology Corp R5F51113ADNF Datasheet HTML 50Page - Renesas Technology Corp R5F51113ADNF Datasheet HTML 51Page - Renesas Technology Corp R5F51113ADNF Datasheet HTML 52Page - Renesas Technology Corp R5F51113ADNF Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 49 of 107
Jun 19, 2013
RX111 Group
5. Electrical Characteristics
5.
Electrical Characteristics
5.1
Absolute Maximum Ratings
Caution: Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors of high frequency characteristics between the VCC and
VSS pins, between the AVCC0 and AVSS0 pins, between the VCC_USB and VSS_USB pins, and between the VREFH0 and
VREFL0 pins. Place capacitors of about 0.1
μF as close as possible to every power supply pin and use the shortest and heaviest
possible traces. Also, connect capacitors as stabilization capacitance.
Connect the VCL pin to a VSS pin via a 4.7 µF capacitor. The capacitor must be placed close to the pin.
Note 1. Ports 16, 17, A6, and B0 are 5 V tolerant.
Do not input signals or an I/O pull-up power supply while the device is not powered. The current injection that results from input
of such a signal or I/O pull-up may cause malfunction and the abnormal current that passes in the device at this time may cause
degradation of internal elements.
Note 2. The upper limit of operating temperature is 85°C or 105°C, depending on the product. For details, refer to 1.2 List of Products.
Note 1. Set VCC and VCC_USB to the same potential. Also, set VSS, AVSS0, and VSS_USB to the same potential.
Note 2. AVCC0 and VCC can be set individually within the operating range. For details, 30.7.10 Voltage Range of Analog Power Supply
Pins.
Table 5.1
Absolute Maximum Ratings
Conditions:
VSS = AVSS0 = VREFL0 = VSS_USB = 0 V
Item
Symbol
Value
Unit
Power supply voltage
VCC, VCC_USB
–0.3 to +4.6
V
Input voltage (except for ports for 5 V tolerant*1)
Vin
–0.3 to VCC +0.3
V
Input voltage (ports for 5 V tolerant*1)
Vin
–0.3 to +6.5
V
Reference power supply voltage
VREFH0
–0.3 to AVCC +0.3
V
Analog power supply voltage
AVCC0
–0.3 to +4.6
V
Analog input voltage
VAN
–0.3 to +4.6
V
Operating temperature*2
Topr
–0.3 to AVCC + 0.3
(when AN000 to AN004 and AN006 used)
–0.3 to VCC + 0.3
(when AN008 to AN015 used)
°C
Storage temperature
Tstg
–55 to +125
°C
Table 5.2
Recommended Operating Voltage Conditions
Item
Symbol
Value
Unit
Recommended operating voltage conditions
VCC, VCC_USB*1
1.8 to 3.6 (during no USB communication)
3.0 to 3.6 (during USB communication)
V
AVCC0*2
1.8 to 3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com