Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

THS7376IPWR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części THS7376IPWR
Szczegółowy opis  4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

THS7376IPWR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button THS7376IPWR Datasheet HTML 4Page - Texas Instruments THS7376IPWR Datasheet HTML 5Page - Texas Instruments THS7376IPWR Datasheet HTML 6Page - Texas Instruments THS7376IPWR Datasheet HTML 7Page - Texas Instruments THS7376IPWR Datasheet HTML 8Page - Texas Instruments THS7376IPWR Datasheet HTML 9Page - Texas Instruments THS7376IPWR Datasheet HTML 10Page - Texas Instruments THS7376IPWR Datasheet HTML 11Page - Texas Instruments THS7376IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
THS7376
SBOS692 – JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: VS+ = +5 V (continued)
At TA = +25°C, RL = 150 Ω to GND, CLOAD = 5 pF, filter mode, and dc-coupled input and output, unless otherwise noted.
See Figure 123 and Figure 124.
TEST
LEVEL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
(1)
OUTPUT CHARACTERISTICS
RL = 150 Ω to +2.5 V
4.85
V
C
RL = 150 Ω to GND
4.4
4.75
V
A
High output voltage swing
RL = 75 Ω to +2.5 V
4.75
V
C
RL = 75 Ω to GND
4.5
V
C
RL = 150 Ω to +2.5 V (VIN = –0.2 V)
0.09
V
C
RL = 150 Ω to GND (VIN = –0.2 V)
0.05
0.1
V
A
Low output voltage swing
RL = 75 Ω to +2.5 V (VIN = –0.2 V)
0.15
V
C
RL = 75 Ω to GND (VIN = –0.2 V)
0.05
V
C
Output current (sourcing)
RL = 10 Ω to +2.5 V
150
mA
C
Output current (sinking)
RL = 10 Ω to +2.5 V
140
mA
C
POWER SUPPLY
Operating voltage
2.85
5
5.5
V
B
VIN = 0 V, enabled, VDISABLE = 0 V
27.2
32.6
39
mA
A
Total quiescent current,
no load
VIN = 0 V, disabled, VDISABLE = 3 V
0.1
10
µA
A
PSRR
Power-supply rejection ratio
At dc
53
dB
C
LOGIC CHARACTERISTICS(6)
VIH
High-level input voltage
Disabled or HD bypass engaged
2.2
2.1
V
A
VIL
Low-level input voltage
Enabled or HD bypass disengaged
0.8
0.75
V
A
IIH
High-level input current
Applied voltage = 3 V
1
μA
C
IIL
Low-level input current
Applied voltage = 0 V
0.1
μA
C
tdis
Disable time
Disable pin transitions from low to high
100
ns
C
ten
Enable time
Disable pin transitions from high to low
200
ns
C
HD bypass and
10
ns
C
filter switch time
(6)
The logic input pins default to a logic '0' condition when left floating.
Table 1. Logic Table
DEFAULT LOGIC
PIN NAME
INPUT, OUTPUT
LOGIC STATES
DESCRIPTION
STATE
0
0
All channels enabled
Disable
Input
0
1
All channels disabled
0
0
HD channels use 8th-order low-pass filters
HD bypass
Input
0
1
HD channels bypass low-pass filters
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: THS7376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com