Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F030R8 Arkusz danych(PDF) 59 Page - STMicroelectronics

Numer części STM32F030R8
Szczegółowy opis  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030R8 Arkusz danych(HTML) 59 Page - STMicroelectronics

Back Button STM32F030R8 Datasheet HTML 55Page - STMicroelectronics STM32F030R8 Datasheet HTML 56Page - STMicroelectronics STM32F030R8 Datasheet HTML 57Page - STMicroelectronics STM32F030R8 Datasheet HTML 58Page - STMicroelectronics STM32F030R8 Datasheet HTML 59Page - STMicroelectronics STM32F030R8 Datasheet HTML 60Page - STMicroelectronics STM32F030R8 Datasheet HTML 61Page - STMicroelectronics STM32F030R8 Datasheet HTML 62Page - STMicroelectronics STM32F030R8 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
DocID024849 Rev 1
59/88
STM32F030x4 STM32F030x6 STM32F030x8
Electrical characteristics
73
Figure 16. TC and TTa I/O input characteristics
Figure 17. Five volt tolerant (FT and FTf) I/O input characteristics
0
0.5
1
1.5
2
2.5
3
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
CMOS
standard
requirements
VIHmin
= 0.7
VDD
VIHmin =
0.445 VDD
+ 0.398
Tested range
Undefined input range
VILmax = 0.3
VDD + 0.07
VILmax = 0.3
VDD
CMOS standard
requirements
Tested range
TTL standard requirement
TTL standard requirement
MS32130V1
V (V)
IN
V (V)
DD
MS32131V1
0
0.5
1
1.5
2
2.5
3
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
TTL standard requirement
TTL standard requirement
CMOS
standard
requirements
Tested range
VIHmin
= 0.7
VDD
VIHmin
= 0.5 VDD
+ 0.2
VILmax
= 0.475
VDD -
0.2
Undefined input range
CMOS standard
requirements
VILmax
= 0.3 VDD
Tested range
V (V)
DD
V (V)
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88