| Zakładka z wyszukiwarką danych komponentów |
|
TS1005DB Arkusz danych(PDF) 3 Page - Touchstone Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
TS1005DB Arkusz danych(HTML) 3 Page - Touchstone Semiconductor Inc |
|
3 / 5 page ![]() TS1005 Op Amp Demo Board TS1005DB r1p1 Page 3 RTFDS Figure 4. TS1005DB Evaluation Board 5) Connect the signal output of the function generator to Vin and the ground terminal to GND. 6) To monitor the input, connect the signal terminal of one of the oscilloscope probes to Vin and the ground terminal to GND. To monitor the output, use the second probe to connect the signal terminal to VOUT and the ground terminal to GND. 7) Turn on the power supply and check that the power supply current is approximately 4.3µA. 8) Turn on the function generator. 9) Observe the input and output signal. The output signal is an amplified version of the input signal with an output swing of approximately 400mVPP , corresponding to a signal gain of two. Inverting Configuration In order to evaluate the TS1005 operational amplifier in the inverting configuration, the following steps are to be performed: 1) Before connecting the DC power supply to the demo board, turn on the power supply and set the DC voltage to 5.5V and then turn it off. 2) Set the function generator output frequency to 500Hz and output level with a VOH = 2.35V and a VOL = 2.15V. This sets the input swing to 200mVPP, centered at 2.25V. 3) In order to monitor the input and output signal, select two channels on the oscilloscope and set the vertical voltage scale and the vertical position on each channel to 100mV/DIV and -2.25V, respectively. Set the horizontal time scale to 500µs/DIV. 4) Connect the positive terminal of the DC power supply to VDD and the ground terminal to GND. 5) Connect the signal output of the function generator to Vin and the ground terminal to GND. 6) To monitor the input, connect the signal terminal of one of the oscilloscope probes to Vin and the ground terminal to GND. To monitor the output, use the second probe to connect the signal terminal to VOUT and the ground terminal to GND. 7) Turn on the power supply and check that the power supply current is approximately 3.8µA. 8) Turn on the function generator. 9) Observe the input and output signal. The output signal is an inverted version of the input signal and the swing should be 200mVPP. Figure 3. Non-Inverting Configuration |