| Zakładka z wyszukiwarką danych komponentów |
|
LM339AN. Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM339AN. Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 19 page ![]() Pin and schematic diagram LM139, LM239, LM339 2/19 Doc ID 2159 Rev 3 1 Pin and schematic diagram Figure 1. Pin connections (top view) Figure 2. Schematic diagram (1/4 LM139) 4 5 6 7 8 9 10 11 13 1 2 3 14 12 Output2 Output4 Output3 Non-i nverti ng i nput4 V CC Non-i nverti ng i nput3 Inverti ng i nput4 V CC + Output1 Inverti ng i nput1 N on-i nverti ng i nput2 - Inverti ng i nput3 N on-i nverti ng i nput1 Inverti ng i nput2 Non-inverting input Inverting input 3.5 μA V CC V O 3.5 μA 100 μA 100 μA V CC |