| Zakładka z wyszukiwarką danych komponentów |
|
STM8S003F3U6 Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S003F3U6 Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 100 page ![]() Description 2 The STM8S003x value line 8-bit microcontrollers feature 8 Kbytes Flash program memory, plus integrated true data EEPROM. The STM8S microcontroller family reference manual (RM0016) refers to devices in this family as low-density. They provide the following benefits: performance, robustness, and reduced system cost. Device performance and robustness are ensured by integrated true data EEPROM supporting up to 100000 write/erase cycles, advanced core and peripherals made in a state-of-the art technology, a 16 MHz clock frequency, robust I/Os, independent watchdogs with separate clock source, and a clock security system. The system cost is reduced thanks to high system integration level with internal clock oscillators, watchdog and brown-out reset. Full documentation is offered as well as a wide choice of development tools. Table 1: STM8S003xx value line features STM8S003F3 STM8S003K3 Device 20 32 Pin count 16 28 Maximum number of GPIOs (I/Os) 16 27 Ext. interrupt pins 7 7 Timer CAPCOM channels 2 3 Timer complementary outputs 5 4 A/D converter channels 12 21 High sink I/Os 8K 8K Low density Flash program memory (bytes) 1K 1K RAM (bytes) 128 (1) 128 (1) True data EEPROM (bytes) Multipurpose timer (TIM1), SPI, I 2C, UART window WDG,independent WDG, ADC, PWM timer (TIM2), 8-bit timer (TIM4) Peripheral set (1) Without read-while-write capability. DocID018576 Rev 3 8/100 STM8S003K3 STM8S003F3 Description |