| Zakładka z wyszukiwarką danych komponentów |
|
PCF8574T/3 Arkusz danych(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8574T/3 Arkusz danych(HTML) 14 Page - NXP Semiconductors |
|
14 / 33 page ![]() PCF8574_PCF8574A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 5 — 27 May 2013 14 of 33 NXP Semiconductors PCF8574; PCF8574A Remote 8-bit I/O expander for I2C-bus with interrupt while (INT == 1); //Monitor the interrupt pin. If INT = 1 do nothing //When INT = 0 then read input ports <S> <slave address read> <ACK> <1010 0010> <NACK> <P> //Read PCF8574 data If (P0 == 0) //Temperature sensor activated { // write to PCF8574 with data 0010 1011b to turn on LED (P7), on Switch (P3) and keep P[1:0] as input ports. <S> <0100 0000> <ACK> <0010 1011> <ACK> <P> // Write to PCF8574 } 10.3 High current-drive load applications The GPIO has a minimum guaranteed sinking current of 10 mA per bit at 5 V. In applications requiring additional drive, two port pins may be connected together to sink up to 20 mA current. Both bits must then always be turned on or off together. Up to five pins can be connected together to drive 80 mA, which is the device recommended total limit. Each pin needs its own limiting resistor as shown in Figure 16 to prevent damage to the device should all ports not be turned on at the same time. 10.4 Migration path NXP offers newer, more capable drop-in replacements for the PCF8574/74A in newer space-saving packages. PCA9670 replaces the interrupt output of the PCA9674 with hardware reset input to retain the maximum number of addresses and the PCA9672 replaces address A2 of the PCA9674 with hardware reset input to retain the interrupt but limit the number of addresses. Fig 16. High current-drive load application 002aah385 VDD P0 P1 P2 P3 P4 P5 P6 P7 VDD SDA SCL INT A0 A1 A2 CORE PROCESSOR VDD LOAD Table 6. Migration path Type number I2C-bus frequency Voltage range Number of addresses per device Interrupt Reset Total package sink current PCF8574/74A 100 kHz 2.5 V to 6 V 8 yes no 80 mA PCA8574/74A 400 kHz 2.3 V to 5.5 V 8 yes no 200 mA PCA9674/74A 1 MHz Fm+ 2.3 V to 5.5 V 64 yes no 200 mA PCA9670 1 MHz Fm+ 2.3 V to 5.5 V 64 no yes 200 mA PCA9672 1 MHz Fm+ 2.3 V to 5.5 V 16 yes yes 200 mA |