| Zakładka z wyszukiwarką danych komponentów |
|
L78M05AC Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78M05AC Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 31 page ![]() L78MxxAB, L78MxxAC Electrical characteristics Doc ID 2147 Rev 13 13/31 Refer to the test circuits, VI = 23 V, IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = -40 to 125 °C (AB), TJ = 0 to 125 °C (AC) unless otherwise specified. Table 10. Electrical characteristics of L78M15XX Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 14.7 15 15.3 V VO Output voltage IO = 5 to 350 mA, VI = 17.5 to 30 V 14.4 15 15.6 V ΔVO Line regulation VI = 17.5 to 30 V, IO = 200 mA, TJ = 25°C 100 mV VI = 20 to 30 V, IO = 200 mA, TJ = 25°C 30 ΔVO Load regulation IO = 5 to 500 mA, TJ = 25°C 300 mV IO = 5 to 200 mA, TJ = 25°C 150 Id Quiescent current TJ = 25°C 6 mA ΔId Quiescent current change IO = 5 to 350 mA 0.5 mA IO = 200 mA, VI = 17.5 to 30 V 0.8 ΔVO/ΔT Output voltage drift IO = 5 mA -1 mV/°C SVR Supply voltage rejection VI = 18.5 to 28.5 V, f = 120Hz, IO = 300mA, TJ = 25°C 54 dB eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 90 µV Vd Dropout voltage TJ = 25°C 2 V Isc Short circuit current VI = 35 V, TJ = 25°C 240 mA Iscp Short circuit peak current TJ = 25°C 700 mA |