| Zakładka z wyszukiwarką danych komponentów |
|
EVJC30 Arkusz danych(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EVJC30 Arkusz danych(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 5 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Rotary Potentiometers/EVJC/EVJY 100 80 60 40 33 20 020 40 60 70 Power Derating Curve Ambient Temperature( °C) ■ Specifications Classification Item Applications 12 mm square Two-in-One Mechanical Specifications Rotation Angle 300 ° Rotation Torque 2 mN·m to 20 mN·m Shaft Stopper Strength 0.5 N·m min. Shaft Pull/Push Strength 80 N min. Shaft Inclination (Measured at the top of the shaft) 0.35 mm max. Bushing-Nut Tightening Torque 1 N·m max. Electrical Specifications Nominal Total Resistance 5 k to 500 k (Tolerance ±20 %) Taper A, B, C, D, G, BH Power Rating 0.05 W (0 °C to 50 °C) For potentiometers operating in ambient temperatures above 50 °C, Rating should be derated in accordance with the figure on the right. Residual Resistance Maximum Attenuation (for volume control, taper A, B, D) Nominal total resistance Max. Attenuation Insertion loss 5 k < R < 10 k –65 dB max. 0.1 dB max. 10 k < R < 50 k –72 dB max. 50 k < R < 100 k –82 dB max. 100 k < R –92 dB max. Tracking For volume control within ±3 dB at –40 to 0 dB For Tone control within ±3 dB at midpoint Insulation Resistance 100 M min. at 250 Vdc Dielectric Withstand Voltage 300 Vac for 1 minute Noise Level 47 mV max. Apply 20 V (When Voltage Rating < 20 V, use the rated voltage.) Rotate shaft at 30 r/min. Endurance Operating Life ✽115000 cycles min. Minimum Quantity/Packing Unit ✽2 80 pcs. (Tray Pack) L <20.0 mm 60 pcs. (Tray Pack) L>20.0 mm Packing Unit ✽2 800 pcs. L <20.0 mm 600 pcs. L>20.0 mm ✽1 : No direct current should be applied. ✽2 : With bushing : L=L+7.5 mm Type For general purpose (tone) For volume control Taper & Terminal Nominal Total Resistance A, B, D, G 1 to 2 B, C, G 2 to 3 A, D 2 to 3 C 1 to 2 A, B, D 1 to 2 A, B, D 2 to 3 C 1 to 2 C 2 to 3 5 k < R < 50 k 25 max. 25 max. 15 max. 25 max. 20 max. 50 k < R < 250 k 25 max. 50 max. 15 max. 50 max. 20 max. 250 k < R < 500 k 100 max. 100 max. 50 max. 100 max. 50 max. Dec. 2005 |