Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431ICT Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części TL431ICT
Szczegółowy opis  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431ICT Arkusz danych(HTML) 1 Page - STMicroelectronics

  TL431ICT Datasheet HTML 1Page - STMicroelectronics TL431ICT Datasheet HTML 2Page - STMicroelectronics TL431ICT Datasheet HTML 3Page - STMicroelectronics TL431ICT Datasheet HTML 4Page - STMicroelectronics TL431ICT Datasheet HTML 5Page - STMicroelectronics TL431ICT Datasheet HTML 6Page - STMicroelectronics TL431ICT Datasheet HTML 7Page - STMicroelectronics TL431ICT Datasheet HTML 8Page - STMicroelectronics TL431ICT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
December 2012
Doc ID 4467 Rev 11
1/21
21
TL431
TL432
Programmable voltage reference
Datasheet
production data
Features
Adjustable output voltage: 2.5 to 36 V
Sink current capability: 1 to 100 mA
Typical output impedance: 0.22
Ω
1% and 2% voltage precision
Automotive temp. range - 40 °C to +125 °C
Applications
Power supply
Industrial
Automotive
Description
The TL431 and TL432 are programmable shunt
voltage references with guaranteed temperature
stability over the entire operating temperature
range. The device temperature range is extended
for the automotive version from -40 °C up to
+125 °C. The output voltage can be set to any
value between 2.5 and 36 V with two external
resistors. The TL431 and TL432 operate with a
wide current range from 1 to 100 mA with a typical
dynamic impedance of 0.22
Ω.
D
SO-8
(Batwing plastic micropackage)
Z
TO-92
(Plastic package)
L
SOT23-3
L
SOT23-5
C
SOT323-6
www.st.com


Podobny numer części - TL431ICT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TL431I PHILIPS-TL431I Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431I STMICROELECTRONICS-TL431I Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Wing Shing Computer Com...
TL431I WINGS-TL431I Datasheet
302Kb / 8P
Adjustable Precision Shunt Regulator (I Grade)
logo
STMicroelectronics
TL431I STMICROELECTRONICS-TL431I Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
Motorola, Inc
TL431ID MOTOROLA-TL431ID Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
More results

Podobny opis - TL431ICT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
SL432XSF AUK-SL432XSF_1 Datasheet
349Kb / 5P
Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com