| Zakładka z wyszukiwarką danych komponentów |
|
STLBC01 Arkusz danych(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLBC01 Arkusz danych(HTML) 32 Page - STMicroelectronics |
|
32 / 40 page ![]() Vendor HCI commands STLBC01 32/40 DocID022984 Rev 2 9.3.2 Return parameters for STBLC_SVLD_MEASUREMENT 9.3.3 Returned events for STBLC_SVLD_MEASUREMENT Command complete event. 9.4 STBLC_SET_RF_POWER_LEVEL 9.4.1 Command parameters for STBLC_SET_RF_POWER_LEVEL 9.4.2 Return parameters for STBLC_SET_RF_POWER_LEVEL 9.4.3 Returned events for STBLC_SET_RF_POWER_LEVEL Command complete event. Table 22. Return parameters for STBLC_SVLD_MEASUREMENT Parameter Size Description Status 1 Standard Bluetooth error codes Result 1 0x00 = voltage is above the level 0x01 = voltage is below the level Table 23. Command parameters for STBLC_SET_RF_POWER_LEVEL Parameter Size Description Level 1 0x00 = -18 dBm 0x01 = -15 dBm 0x02 = -12 dBm 0x03 = -9 dBm 0x04 = -6 dBm 0x05 = -3 dBm 0x06 = 0 dBm 0x07 = +3 dBm 0x08-0xFF = reserved Table 24. Return parameters for STBLC_SET_RF_POWER_LEVEL Parameter Size Description Status 1 Standard BT error codes |