| Zakładka z wyszukiwarką danych komponentów |
|
TSU101RICT Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSU101RICT Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 33 page ![]() DocID024317 Rev 2 13/33 TSU101, TSU102, TSU104 Electrical characteristics 33 Figure 14. Output characteristics at 5 V supply voltage Figure 15. Output voltage vs. input voltage close to the rails 0011223344556677889910 10 0.0 0.0 0.5 0.5 1.0 1.0 1.5 1.5 2.0 2.0 2.5 2.5 3.0 3.0 3.5 3.5 4.0 4.0 4.5 4.5 5.0 5.0 Source Vid=0.2V Sink Vid=-0.2V T=85°C T=-40°C Vcc=5V Vicm=0.1V T=25°C Output Current (mA) 00 25 25 50 50 75 75 100 100 125 125 150 150 175 175 3100 3100 3125 3125 3150 3150 3175 3175 3200 3200 3225 3225 3250 3250 3275 3275 3300 3300 Vcc=3.3V Follower configuration Temperature 85°C/65°C/45°C/25°C/-5°C/-40°C Input voltage (mV) Figure 16. Output saturation with a sine wave on input Figure 17. Desaturation time -5 -5 005510 10 15 15 20 20 25 25 30 30 35 35 40 40 45 45 50 50 55 55 60 60 0.000 0.000 0.025 0.025 0.050 0.050 0.075 0.075 0.100 0.100 0.125 0.125 3.150 3.150 3.175 3.175 3.200 3.200 3.225 3.225 3.250 3.250 3.275 3.275 3.300 3.300 Vout Vin Vout Vin Follower configuration, T=25°C Vcc=3.3V, Vin from rail to 300mV from rail Vrl=Vrail, f=10Hz, Rl=10MΩ, Cl=16pF Time (ms) 001122334455 -3 -3 -2 -2 -1 -1 00 11 22 33 Gain=+11, 100kΩ/1MΩ, Vin=3Vpp, T=25°C Vcc=3.3V, Vicm=Vrl=1.65V Rl=10MΩ, Cl=16pF Time (ms) Figure 18. Phase reversal free Figure 19. Slew rate vs. supply voltage 0025 25 50 50 75 75 100 100 125 125 150 150 -2 -2 -1 -1 00 11 22 Follower configuration, T=25°C Vcc=3.3V, Vicm=Vrl=1.65V Rl=10MΩ, Cl=16pF Time (ms) 1.5 1.5 2.0 2.0 2.5 2.5 3.0 3.0 3.5 3.5 4.0 4.0 4.5 4.5 5.0 5.0 5.5 5.5 -4.0 -4.0 -3.5 -3.5 -3.0 -3.0 -2.5 -2.5 -2.0 -2.0 -1.5 -1.5 -1.0 -1.0 -0.5 -0.5 0.0 0.0 0.5 0.5 1.0 1.0 1.5 1.5 2.0 2.0 2.5 2.5 3.0 3.0 3.5 3.5 4.0 4.0 Vicm=Vrl=Vcc/2 Rl=1MΩ, Cl=60pF Vin from 0.5V to Vcc-0.5V SR calculated from 10% to 90% T=-40°C T=85°C T=25°C Vcc (V) |