| Zakładka z wyszukiwarką danych komponentów |
|
LPC2102FBD48 Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2102FBD48 Arkusz danych(HTML) 7 Page - NXP Semiconductors |
|
7 / 37 page ![]() LPC2101_02_03_4 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 04 — 2 June 2009 7 of 37 NXP Semiconductors LPC2101/02/03 Single-chip 16-bit/32-bit microcontrollers P0.11/CTS1/ CAP1.1/AD0.4 36[3] I/O P0.11 — General purpose input/output digital pin. I CTS1 — Clear to Send input for UART1. I CAP1.1 — Capture input for Timer 1, channel 1. I AD0.4 — ADC 0, input 4. P0.12/DSR1/ MAT1.0/AD0.5 37[3] I/O P0.12 — General purpose input/output digital pin. I DSR1 — Data Set Ready input for UART1. O MAT1.0 — PWM output for Timer 1, channel 0. I AD0.5 — ADC 0, input 5. P0.13/DTR1/ MAT1.1 41[1] I/O P0.13 — General purpose input/output digital pin. O DTR1 — Data Terminal Ready output for UART1. O MAT1.1 — PWM output for Timer 1, channel 1. P0.14/DCD1/ SCK1/EINT1 44[4][5] I/O P0.14 — General purpose input/output digital pin. I DCD1 — Data Carrier Detect input for UART1. I/O SCK1 — Serial Clock for SPI1. SPI clock output from master or input to slave. I EINT1 — External interrupt 1 input. P0.15/RI1/ EINT2 45[4] I/O P0.15 — General purpose input/output digital pin. I RI1 — Ring Indicator input for UART1. I EINT2 — External interrupt 2 input. P0.16/EINT0/ MAT0.2 46[4] I/O P0.16 — General purpose input/output digital pin. I EINT0 — External interrupt 0 input. O MAT0.2 — PWM output for Timer 0, channel 2. P0.17/CAP1.2/ SCL1 47[6] I/O P0.17 — General purpose input/output digital pin. The output is not open-drain. I CAP1.2 — Capture input for Timer 1, channel 2. I/O SCL1 — I2C1 clock Input/output. This pin is an open-drain output if I2C1 function is selected in the pin connect block. P0.18/CAP1.3/ SDA1 48[6] I/O P0.18 — General purpose input/output digital pin. The output is not open-drain. I CAP1.3 — Capture input for Timer 1, channel 3. I/O SDA1 — I2C1 data Input/output. This pin is an open-drain output if I2C1 function is selected in the pin connect block. P0.19/MAT1.2/ MISO1 1[1] I/O P0.19 — General purpose input/output digital pin. O MAT1.2 — PWM output for Timer 1, channel 2. I/O MISO1 — Master In Slave Out for SSP. Data input to SSP master or data output from SSP slave. P0.20/MAT1.3/ MOSI1 2[1] I/O P0.20 — General purpose input/output digital pin. O MAT1.3 — PWM output for Timer 1, channel 3. I/O MOSI1 — Master Out Slave for SSP. Data output from SSP master or data input to SSP slave. P0.21/SSEL1/ MAT3.0 3[1] I/O P0.21 — General purpose input/output digital pin. I SSEL1 — Slave Select for SPI1. Selects the SPI interface as a slave. O MAT3.0 — PWM output for Timer 3, channel 0. Table 3. Pin description …continued Symbol Pin Type Description |