| Zakładka z wyszukiwarką danych komponentów |
|
A3P030-2CS100I Arkusz danych(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
A3P030-2CS100I Arkusz danych(HTML) 2 Page - Microsemi Corporation |
|
2 / 220 page ![]() ProASIC3 Flash Family FPGAs II Revision 13 I/Os Per Package 1 ProASIC3 Devices A3P0152 A3P030 A3P060 A3P125 A3P250 3 A3P400 3 A3P600 A3P1000 Cortex-M1 Devices M1A3P250 3,5 M1A3P400 3 M1A3P600 M1A3P1000 Package I/O Type QN48 – 34 – – – – ––– –– QN68 49 49 – – – – – – – – – QN1325 – 818084 87 19 – – – – – CS121 – – 96 – – – –––– –– VQ100 – 77 71 71 68 13 – – – – – TQ144 – – 91 100 – – –––– –– PQ208 – – – 133 151 34 151 34 154 35 154 35 FG144 – – 96 97 97 24 972597259725 FG2565,6 – – – – 157 38 178 38 177 43 177 44 FG4846 – – – – – – 194 38 235 60 300 74 Notes: 1. When considering migrating your design to a lower- or higher-density device, refer to the ProASIC3 FPGA Fabric User’s Guide to ensure complying with design and board migration requirements. 2. A3P015 is not recommended for new designs. 3. For A3P250 and A3P400 devices, the maximum number of LVPECL pairs in east and west banks cannot exceed 15. Refer to the ProASIC3 FPGA Fabric User’s Guide for position assignments of the 15 LVPECL pairs. 4. Each used differential I/O pair reduces the number of single-ended I/Os available by two. 5. The M1A3P250 device does not support FG256 or QN132 packages. 6. FG256 and FG484 are footprint-compatible packages. Table 1 • ProASIC3 FPGAs Package Sizes Dimensions Package CS121 QN48 QN68 QN132 VQ100 TQ144 PQ208 FG144 FG256 FG484 Length × Width (mm\mm) 6 × 6 6 × 6 8 × 8 8 × 8 14 × 14 20 × 20 28 × 28 13 × 13 17 × 17 23 × 23 Nominal Area (mm2) 36 36 64 64 196 400 784 169 289 529 Pitch (mm) 0.5 0.4 0.4 0.5 0.5 0.5 0.5 1.0 1.0 1.0 Height (mm) 0.99 0.90 0.90 0.75 1.00 1.40 3.40 1.45 1.60 2.23 |