Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7788ARMZ Arkusz danych(PDF) 16 Page - Analog Devices

Numer części AD7788ARMZ
Szczegółowy opis  Low Power, 16-/24-Bit, Sigma-Delta ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7788ARMZ Arkusz danych(HTML) 16 Page - Analog Devices

Back Button AD7788ARMZ Datasheet HTML 12Page - Analog Devices AD7788ARMZ Datasheet HTML 13Page - Analog Devices AD7788ARMZ Datasheet HTML 14Page - Analog Devices AD7788ARMZ Datasheet HTML 15Page - Analog Devices AD7788ARMZ Datasheet HTML 16Page - Analog Devices AD7788ARMZ Datasheet HTML 17Page - Analog Devices AD7788ARMZ Datasheet HTML 18Page - Analog Devices AD7788ARMZ Datasheet HTML 19Page - Analog Devices AD7788ARMZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7788/AD7789
Rev. B | Page 16 of 20
Continuous Read Mode
Rather than write to the communications register each time a
conversion is complete to access the data, the AD7788/AD7789
can be placed in continuous read mode. By writing 001111XX
to the communications register, the user needs only to apply the
appropriate number of SCLK cycles to the ADC and the data-
word is automatically placed on the DOUT/RDY line when a
conversion is complete.
When DOUT/RDY goes low to indicate the end of a conver-
sion, sufficient SCLK cycles must be applied to the ADC and
the data conversion is placed on the DOUT/RDY line. When
the conversion is read, DOUT/RDY returns high until the next
conversion is available. In this mode, the data can be read only
once. Also, the user must ensure that the data-word is read
before the next conversion is complete.
If the data-word has not read the conversion before the
completion of the next conversion, or if insufficient serial clocks
are applied to the AD7788/AD7789 to read the word, the serial
output register is reset when the next conversion is complete
and the new conversion is placed in the output serial register.
To exit continuous read mode, the instruction 001110XX must
be written to the communications register while the DOUT/
RDY pin is low. While in continuous read mode, the ADC
monitors activity on the DIN line so that it can receive the
instruction to exit continuous read mode. Additionally, a
reset occurs if 32 consecutive 1s are seen on DIN. Therefore,
DIN should be held low in continuous read mode until an
instruction is to be written to the device.
DIN
SCLK
DOUT/RDY
CS
0x3C
DATA
DATA
DATA
Figure 13. Continuous-Read Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20