| Zakładka z wyszukiwarką danych komponentów |
|
AD8351ARM-R2 Arkusz danych(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8351ARM-R2 Arkusz danych(HTML) 8 Page - Analog Devices |
|
8 / 16 page ![]() REV. B –8– AD8351 FREQUENCY (MHz) 10 1000 100 2000 1000 2500 1500 3000 3500 4000 500 0 0 –25 –50 –75 –100 TPC 19. Input Impedance vs. Frequency FREQUENCY (MHz) 0 1000 100 120 100 130 110 140 150 160 30 15 10 5 0 20 25 TPC 20. Output Impedance vs. Frequency FREQUENCY (MHz) 0 250 –8 –6 –10 –4 –2 0 25 50 75 100 125 150 175 200 225 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 –12 –14 –16 –18 TPC 21. Phase and Group Delay (AV = 10 dB, at 5 V Supplies) 10MHz 3GHz 3GHz 10MHz WITH 50 TERMINATIONS WITHOUT TERMINATIONS 500MHz 500MHz TPC 22. Input Reflection Coefficient vs. Frequency (RS = RL = 100 Ω with and without 50 Ω Terminations) 3GHz 10MHz 500MHz TPC 23. Output Reflection Coefficient vs. Frequency (RS = RL = 100 Ω) FREQUENCY (MHz) 80 20 0 1000 100 10 RL = 1k RL = 150 70 60 40 50 30 TPC 24. Common-Mode Rejection Ratio, CMRR (RS = 100 Ω) |