| Zakładka z wyszukiwarką danych komponentów |
|
DSP2ADC12VF Arkusz danych(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
DSP2ADC12VF Arkusz danych(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 6 page ![]() DSP 3.-(1) Coil temperature rise (1a type) Sample: DSP1a-DC12V, 5 pcs. 3.-(2) Coil temperature rise (1a1b type) Sample: DSP1-DC12V, 5 pcs. 3.-(3) Coil temperature rise (2a type) Sample: DSP2a-DC12V, 5 pcs. 50 60 40 10 20 30 0 80 100 120 8A 0A Coil applied voltage, %V 50 60 40 10 20 30 0 80 100 120 5A 0A Coil applied voltage, %V 50 60 40 10 20 30 0 80 100 120 5A 0A Coil applied voltage, %V 4.-(1) Operate & release time (without diode, 1a type) Sample: DSP1a-DC12V, 5 pcs. 4.-(2) Operate & release time (without diode, 1a1b type) Sample: DSP1-DC12V, 5 pcs. 4.-(3) Operate & release time (without diode, 2a type) Sample: DSP2a-DC12V, 5 pcs.) 80 100 120 4 3 2 1 0 5 6 7 Max. x Max. Min. Coil applied voltage, %V x Min. Operate time Release time 80 100 110 0 1 2 3 4 5 6 7 8 9 Max. Min. x x Max. Min. Coil applied voltage, %V Operate time Release time 80 100 120 0 1 2 3 4 5 6 7 8 9 Max. Min. x x Max. Min. Coil applied voltage, %V Operate time Release time 4.-(4) Operate & release time (with diode, 1a type) Sample: DSP1a-DC12V, 5 pcs. 4.-(5) Operate & release time (with diode, 1a1b type) Sample: DSP1-DC12V, 5 pcs. 4.-(6) Operate & release time (with diode, 2a type) Sample: DSP2a-DC12V, 5 pcs. 80 100 120 0 1 2 3 4 5 6 7 8 9 x Min. Max. Min. Coil applied voltage, %V Operate time Release time Max. x 80 100 110 0 1 2 3 4 5 6 7 8 9 Min. Max. Min. Max. x Coil applied voltage, %V Operate time Release time x 80 100 120 0 1 2 3 4 5 6 7 8 9 Max. x Min. Coil applied voltage, %V Operate time Release time Max. Min. x 5.-(1) Change of pick-up and drop-out voltage (1a type) Sample: DSP1a-DC12V, 5 pcs. 5.-(2) Change of pick-up and drop-out voltage (1a1b type) Sample: DSP1-DC12V, 5 pcs. 5.-(3) Change of pick-up and drop-out voltage (2a type) Sample: DSP2a-DC12V, 5 pcs. –40 –20 0 20 40 60 80 50 –50 Ambient temperature, °C Pick-up voltage Drop-out voltage –40 –20 0 20 40 60 80 50 –50 Ambient temperature, °C Pick-up voltage Drop-out voltage –40 –20 0 20 40 50 –50 Ambient temperature, °C Pick-up voltage Drop-out voltage 60 80 All Rights Reserved © C OPYRIGHT Matsushita Electric Works, Ltd. |