| Zakładka z wyszukiwarką danych komponentów |
|
FCR4.0M5T Arkusz danych(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
FCR4.0M5T Arkusz danych(HTML) 2 Page - Microchip Technology |
|
2 / 436 page ![]() dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 DS70292G-page 2 © 2007-2012 Microchip Technology Inc. dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 PRODUCT FAMILIES The device names, pin counts, memory sizes, and peripheral availability of each device are listed below. The following pages show their pinout diagrams. TABLE 1: dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 CONTROLLER FAMILIES Device Remappable Peripheral dsPIC33FJ128GP804 44 128 16 26 5 4 4 1221 3 11 1 13 6 1/1 11 35 QFN TQFP dsPIC33FJ128GP802 28 128 16 16 5 4 4 1221 3 1 1 1 10 4 1/0 2 21 SPDIP SOIC QFN-S dsPIC33FJ128GP204 44 128 8 26 5 4 4 1220 3 1 1 1 13 0 1/1 11 35 QFN TQFP dsPIC33FJ128GP202 28 128 8 16 5 4 4 1220 3 1 1 1 10 0 1/0 2 21 SPDIP SOIC QFN-S dsPIC33FJ64GP804 44 64 16 26 5 4 4 1221 3 1 1 1 13 6 1/1 11 35 QFN TQFP dsPIC33FJ64GP802 28 64 16 16 5 4 4 1221 3 1 1 1 10 4 1/0 2 21 SPDIP SOIC QFN-S dsPIC33FJ64GP204 44 64 8 26 5 4 4 1220 3 1 1 1 13 0 1/1 11 35 QFN TQFP dsPIC33FJ64GP202 28 64 8 16 5 4 4 1220 3 1 1 1 10 0 1/0 2 21 SPDIP SOIC QFN-S dsPIC33FJ32GP304 44 32 4 26 5 4 4 1220 3 1 1 1 13 0 1/1 11 35 QFN TQFP dsPIC33FJ32GP302 28 32 4 16 5 4 4 1220 3 1 1 1 10 0 1/0 2 21 SPDIP SOIC QFN-S Note 1: RAM size is inclusive of 2 Kbytes of DMA RAM for all devices except dsPIC33FJ32GP302/304, which include 1 Kbyte of DMA RAM. 2: Only four out of five timers are remappable. 3: Only two out of three interrupts are remappable. |