| Zakładka z wyszukiwarką danych komponentów |
|
MCP3551-E/MS Arkusz danych(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3551-E/MS Arkusz danych(HTML) 4 Page - Microchip Technology |
|
4 / 36 page ![]() MCP3550/1/3 DS21950E-page 4 © 2009 Microchip Technology Inc. Rejection Performance(1,6) Common Mode DC Rejection — -135 — dB VCM range from 0 to VDD Power Supply DC Rejection — -115 — dB Common Mode 50/60 Hz Rejection CMRR — -135 — dB VCM varies from 0V to VDD Power Supply 50/60 Hz Rejection PSRR — -85 — dB MCP3551 only, VDD varies from 4.5V to 5.5V Power Supply 50/60 Hz Rejection PSRR — -120 — dB MCP3550-50 or MCP3550-60 only at 50 or 60 Hz respectively, VDD varies from 4.5V to 5.5V Normal Mode 50 and 60 Hz Rejection NMRR — -85 — dB MCP3551 only, 0 < VCM < VDD, -VREF < VIN = (VIN + -VIN-) < +VREF Normal Mode 50 or 60 Hz Rejection NMRR — -120 — dB MCP3550-50 or MCP3550-60 only at 50 or 60 Hz respectively, 0 < VCM < VDD, -VREF < VIN = (VIN + -VIN-) < +VREF Analog Inputs Differential Input Range VIN+ − VIN- -VREF —+VREF V Absolute/Common Mode Voltages VSS - 0.3 — VDD + 0.3 V Analog Input Sampling Capacitor — 10 — pF Note 5 Differential Input Impedance — 2.4 — MΩ Shutdown Mode Leakage Current — 1 — nA VIN+ = VIN- = VDD; CS = VDD (Note 3) Reference Input Voltage Range 0.1 — V DD V Reference Input Sampling Capacitor —15 — pF Note 5 Reference Input Impedance — 2.4 — MΩ Note 4 Shutdown Mode Reference Leakage Current —1 — nA VIN+ = VIN- = VSS; CS = VDD Power Requirements Power Supply Voltage Range VDD 2.7 — 5.5 V MCP3550-50, MCP3551 Supply Current IDD — 120 170 µA VDD = 5V —100 — µA VDD = 2.7V MCP3550-60, MCP3553 Supply Current IDD — 140 185 µA VDD = 5V —120 — µA VDD = 2.7V Supply Current, Sleep Mode IDDSL —10 µA Supply Current, Shutdown Mode IDDS —— 1 µA CS = SCK = VDD Serial Interface Voltage Input High (CS, SCK) VIH 0.7 VDD —— V Voltage Input Low (CS, SCK) VIL —— 0.4 V Voltage Output High (SDO/RDY)VOH VDD - 0.5 — — V VOH = 1 mA, VDD = 5.0V DC CHARACTERISTICS (CONTINUED) Electrical Specifications: Unless otherwise indicated, all parameters apply at -40°C ≤ TA ≤ +85°C, VDD = 2.7V or 5.0V. VREF = 2.5V. VIN+ = VIN- = VCM = VREF/2. All ppm units use 2*VREF as full scale range. Unless otherwise noted, specification applies to entire MCP3550/1/3 family. Parameters Sym Min Typ Max Units Conditions Note 1: This parameter is established by characterization and not 100% tested. 2: INL is the difference between the endpoints line and the measured code at the center of the quantization band. 3: This current is due to the leakage current and the current due to the offset voltage between VIN+ and VIN-. 4: Input impedance is inversely proportional to clock frequency; typical values are for the MCP3550/1 device. VREF =5V. 5: Characterized by design, but not tested. 6: Rejection performance depends on internal oscillator accuracy; see Section 4.0 “Device Overview” for more informa- tion on oscillator and digital filter design. MCP3550/1 device rejection specifications characterized from 49 to 61 Hz. |