| Zakładka z wyszukiwarką danych komponentów |
|
AF82801IBM Arkusz danych(PDF) 3 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
AF82801IBM Arkusz danych(HTML) 3 Page - Intel Corporation |
|
3 / 4 page ![]() 3 Mobile Intel® GM45/GS45/GL40 Express Chipsets for Embedded Computing Product Name Product Code Package Features Intel® 82GM45 Graphics Memory Controller Hub AC82GM45 1329μFC-BGA 1066MHzFSB;upto8GB667/800MHzDDR2or800/1066MHzDDR3 system memory; Mobile Intel® Graphics Media Accelerator 4500MHD; PCI Express* graphics support. Intel® 82GS45 Graphics Memory Controller Hub AC82GS45 1363μFC-BGASFF5 Includes all features of GM45. Intel® 82GL40 Graphics Memory Controller Hub AC82GL40 1329μFC-BGA 800MHzFSB;upto4GB667/800MHzDDR2or800MHzDDR3system memory; Mobile Intel® Graphics Media Accelerator 4500M. Intel® I/O Controller Hub 9M (ICH9M) AF82801IBM 676 μ-BGA Direct connection to the GMCH via Direct Media Interface; six PCI Express root ports; four-port Serial ATA controller; up to twelve USB 2.0 ports; Intel® High Definition Audio interface. Intel® I/O Controller Hub 9M Enhanced (ICH9M-Enhanced) AF82801IEM 676 μ-BGA IncludesallfeaturesofICH9M,plusRAID0/1andIntel®Active Management Technology 4.0 support. Intel® I/O Controller Hub 9MEnhancedSFF (ICH9M-EnhancedSFF)5 AM82801IUX 576μ-BGASFF Includes all features of ICH9M-Enhanced. Available with GS45 only. LVDS Display 12 USB 2.0 Ports Integrated Video Output (VGA, DVI, HDMI, or TV-out) Intel® High Definition Audio x16 PCI Express* Graphics Dual Channel System Memory DDR2 667/800 or DDR3 800/1066 Intel® LAN Connect Interface 4 PCI Bus Masters 4 SATA Ports 6 PCI Express x1 Intel® Core™2 Duo Processor T9400∆ and P8400∆ Intel® Celeron® Processor T3100∆ Intel® Celeron® Processor 575∆ Intel® ICH9M or ICH9M-E Intel 82GM45 GMCH ® |