| Zakładka z wyszukiwarką danych komponentów |
|
TS27M2BIPT Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS27M2BIPT Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 14 page ![]() Absolute maximum ratings and operating conditions TS27M2, TS27M2A, TS27M2B 2/14 Doc ID 2306 Rev 2 1 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings Symbol Parameter TS27M2x/Ax/Bx Unit VCC + Supply voltage (1) 1. All values, except differential voltage are with respect to network ground terminal. 18 V Vid Differential input voltage (2) 2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. ±18 V Vi Input voltage (3) 3. The magnitude of the input and the output voltages must never exceed the magnitude of the positive supply voltage. -0.3 to 18 V Io Output current for VCC + ≥ 15V ±30 mA Iin Input current ±5 mA Rthja (4)(5) 4. Short-circuits can cause excessive heating and destructive dissipation. 5. Rth are typical values. SO-8 DIP8 TSSOP8 125 85 120 °C/W Tstg Storage temperature range -65 to +150 °C Tj Maximum junction temperature 150 °C ESD HBM: human body model(6) 6. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k Ω resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 500 V MM: machine model(7) 7. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins are floating. 100 V CDM: charged device model(8) 8. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins. 1.5 kV Table 2. Operating conditions Symbol Parameter Value Unit TS27M2C/AC/BC TS27M2I/AI/BI TS27M2M/AM/BM VCC + Supply voltage 3 to 16 V Vicm Common mode input voltage range 0 to VCC + - 1.5 V Toper Operating free air temperature range 0 to +70 -40 to +125 -55 to +125 °C |