| Zakładka z wyszukiwarką danych komponentów |
|
FSM3J Arkusz danych(PDF) 8 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
FSM3J Arkusz danych(HTML) 8 Page - Tyco Electronics |
|
8 / 8 page ![]() E10 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 E FSMJSMA Series Tactile Switches, .236 [6] x .236 [6], Surface Mount .236 (6.0) .138 (3.5) DIA. .442 (11.2).276 (7.0) .083 (2.10) .122 (3.0) .232 (5.9) “A” “B” .055 (1.3) .010 (0.25) .178 (4.52) .028 (3.25) .394 (10.0) .031 (7.8) .016 (0.40) .142 (3.60) SQ. 1 2 3 4 TERMINAL NOS. FSMJSMA MATERIAL SPECIFICATIONS: Contacts ..................................Copper alloy, silver plate Case..........................................PPS Actuator Button ......................PPS Cover........................................Steel, tin plate Terminals ................................Copper alloy, silver plate ENVIRONMENTAL SPECIFICATIONS Operating Temperature............ -4°F to +185°F (-20°C to + 85°C) Storage Temperature................-22°F to +185°F (-30°C to +85°C) Solder Heat Resistance ............IR Soldering EIA-364-56 Procedure 5 Level 3, 500°F (260°C) TYPICAL PERFORMANCE CHARACTERISTICS: Contact Rating ........................50 mA @ 12 VDC Initial Contact Resistance ........100 Milliohms max. Insulation Resistance ..............100 Megohms min. @ 100 VDC Dielectric Strength ..................500 VAC for 1 minute Actuation Force ......................See Below Actuator Travel........................ .010"(.254) Life Expectancy ......................Up to 100,000 Cycles 6 x 6 mm Bulk Pack Tape & Reel Actuator Switch Actuation Part Number Part Number Length Height Force Tyco Electronics Alcoswitch Tyco Electronics Alcoswitch Dimension A Dimension B 2-1437565-7 FSM2JSMA 3-1437565-0 FSM2JSMATR .028 (0.70) .169 (4.30) 160 ± 50 grams 4-1437565-1 FSM4JSMA 4-1437565-2 FSM4JSMATR .055 (1.40) .196 (5.00) 160 ± 50 grams 4-1437565-9 FSM6JSMA 5-1437565-0 FSM6JSMATR .134 (3.40) .276 (7.00) 160 ± 50 grams 2-1437565-8 FSM2JSMAA 2-1437565-9 FSM2JSMAATR .028 (0.70) .169 (4.30) 260 ± 50 grams 1571563-1 FSM4JSML 1571563-2 FSM4JSMLTR .055 (1.40) .196 (5.00) 100 ± 50 grams 1571563-3 FSM4JSMAA 1571563-4 FSM4JSMAATR .055 (1.40) .196 (5.00) 260 ± 50 grams — FSM6JSMAA — FSM6JSMAATR .134 (3.40) .276 (7.00) 260 ± 50 grams 3-1437566-8 FSM8JSMA — FSM8JSMATR .232 (5.90) .374 (9.50) 260 ± 50 grams 1571527-1 FSM2JSML 1571527-2 FSM2JSMLTR .028 (0.70) .169 (4.30) 100 ± 50 grams |
|
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |