| Zakładka z wyszukiwarką danych komponentów |
|
FSM6JAA Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
FSM6JAA Arkusz danych(HTML) 2 Page - Tyco Electronics |
|
2 / 8 page ![]() FSMJ Series E4 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 E Tactile Switches, .236 [6] x .236 [6], Through Hole MATERIAL SPECIFICATIONS: Contacts ..................................Copper alloy, silver plate Case..........................................Polyamide Actuator Button ......................Polyacetal Resin Frame ......................................Steel, tin plate Terminals ................................Copper alloy, silver plate ENVIRONMENTAL SPECIFICATIONS Operating Temperature............-40°F to +221°F (-40°C to +105°C) Storage Temperature................-40°F to +221°F (-40°C to +105°C) Solder Heat Resistance ............See Page M3-4 TYPICAL PERFORMANCE CHARACTERISTICS: Contact Rating ........................50 mA @ 12 VDC Initial Contact Resistance ........100 Milliohms max. Insulation Resistance ..............100 Megohms min. @ 100 VDC Dielectric Strength ..................500 VAC Actuation Force ......................See page E5 Actuator Travel........................ .012" (0,3) Electrostatic Discharge w/ESD Ground Terminal ........5Kv w/no discharge Life Expectancy ......................Up to 100,000 Cycles .177 ± .004 (4.50 ± 0.10) .161 ± .004 (4.10 ± 0.10) .256 ± .012 (6.50 ± 0.30) .128 ± .006 (3.25 ± 0.15) .039 ± .002 DIA (1.00 ± 0.05) TYP. THIS HOLE FOR GROUNDING TERMINAL .028 (0.71) .177 (4.49) .012 (0.30) .161 (4.08) ESD GROUNDING TERMINAL .236 (5.99) .059 (1.49) .138 (3.50) .138 (3.50) “ A” .071 (1.80) .142 (3.60) .311 (7.90) .028 (0.71) .142 (3.60) .027 (0.68) .012 (0.30) .285 (7.23) .236 (5.99) “ B” .028 (0.71) . .177 (4.49) . .177 ± .004 (4.50 ± 0.10) .256 ± .012 (6.50 ± 0.30) .128 ± .006 (3.25 ± 0.15) .039 ± .002 DIA (1.00 ± 0.05) TYP. .236 (5.99) .138 (3.50) .142 (3.60) Measure from top of button .138 (3.50) .071 (1.80) “ B” “ A” .027 (0.68) . .012 (0.30) .311 (7.90) TYP. .236 (5.99) FSM1J WITH ESD TERMINAL FSM2J WITHOUT ESD TERMINAL 6 x 6 mm 6 x 6 mm BLANK= 160g STD. A = 260 g AA = 520 g L = 100 g BLANK= STD. H= HIGH TEMP. ACTUATOR OPT. 1-8 ONLY Pg. E5 Actuator Length J Actuator Force Temp. Model FSM PART NUMBERING SEQUENCE |