Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC08ES Arkusz danych(PDF) 16 Page - Analog Devices

Numer części DAC08ES
Szczegółowy opis  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

DAC08ES Arkusz danych(HTML) 16 Page - Analog Devices

Back Button DAC08ES Datasheet HTML 12Page - Analog Devices DAC08ES Datasheet HTML 13Page - Analog Devices DAC08ES Datasheet HTML 14Page - Analog Devices DAC08ES Datasheet HTML 15Page - Analog Devices DAC08ES Datasheet HTML 16Page - Analog Devices DAC08ES Datasheet HTML 17Page - Analog Devices DAC08ES Datasheet HTML 18Page - Analog Devices DAC08ES Datasheet HTML 19Page - Analog Devices DAC08ES Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DAC08
Rev. C | Page 16 of 20
ADI CURRENT OUTPUT DACS
Table 4 lists the latest DACS available from Analog Devices.
Table 4.
Model
Bits
Outputs
Interface
Package
Comments
AD5425
8
1
SPI, 8-bit load
MSOP-10
Fast 8-bit load; see also AD5426
AD5426
8
1
SPI
MSOP-10
See also AD5425 fast load
AD5450
8
1
SPI
SOT23-8
See also AD5425 fast load
AD5424
8
1
Parallel
TSSOP-16
AD5429
8
2
SPI
TSSOP-16
AD5428
8
2
Parallel
TSSOP-20
AD5432
10
1
SPI
MSOP-10
AD5451
10
1
SPI
SOT23-8
AD5433
10
1
Parallel
TSSOP-20
AD5439
10
2
SPI
TSSOP-16
AD5440
10
2
Parallel
TSSOP-24
AD5443
12
1
SPI
MSOP-10
See also AD5452 and AD5444
AD5452
12
1
SPI
SOT23-8
Higher accuracy version of AD5443; see also AD5444
AD5445
12
1
Parallel
TSSOP-20
AD5444
12
1
SPI
MSOP-10
Higher accuracy version of AD5443; see also AD5452
AD5449
12
2
SPI
TSSOP-16
AD5415
12
2
SPI
TSSOP-24
Uncommitted resistors
AD5447
12
2
Parallel
TSSOP-24
AD5405
12
2
Parallel
LFCSP-40
Uncommitted resistors
AD5453
14
1
SPI
SOT23-8
AD5553
14
1
SPI
MSOP-8
AD5556
14
1
Parallel
TSSOP-28
AD5446
14
1
SPI
MSOP-10
MSOP version of AD5453; compatible with AD5443, AD5432, AD5426
AD5555
14
2
SPI
TSSOP-16
AD5557
14
2
Parallel
TSSOP-38
AD5543
16
1
SPI
MSOP-8
AD5546
16
1
Parallel
TSSOP-28
AD5545
16
2
SPI
TSSOP-16
AD5547
16
2
Parallel
TSSOP-38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20