Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L5957PD Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części L5957PD
Szczegółowy opis  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5957PD Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button L5957PD Datasheet HTML 4Page - STMicroelectronics L5957PD Datasheet HTML 5Page - STMicroelectronics L5957PD Datasheet HTML 6Page - STMicroelectronics L5957PD Datasheet HTML 7Page - STMicroelectronics L5957PD Datasheet HTML 8Page - STMicroelectronics L5957PD Datasheet HTML 9Page - STMicroelectronics L5957PD Datasheet HTML 10Page - STMicroelectronics L5957PD Datasheet HTML 11Page - STMicroelectronics L5957PD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical specifications
L5957
8/16
Doc ID 14442 Rev 2
ΔVi
Load regulation
Ireg4 = 1 to 800 mA
-
-
100
mV
Iq
Quiescent current
Ireg4 = 10 mA
-
-
5
mA
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 800 mA
48
-
-
dB
Vdrop
Drop out voltage
Ireg4 = 800 mA
(1)
-
-
2.65
V
Im
Current limit
Rshort = 0.5 Ω
0.9
-
2
A
Power switch
VdropSW
Drop voltage power switch
IdcSW = 1.8 A max.
-
-
0.5
V
IpSW1
Peak current power switch
Peak time
< 10 ms
2
-
3.5
A
IpSW2
Peak time
> 40 ms
1
-
2
A
SWDEL
Delay Protection
-
15
-
45
ms
Reset buffer (with push-pull buffer)
RES
RES falling
Vreg2 = 5 V
4.6
4.7
4.8
V
RES
RES rising
Vreg2 = 5 V
4.65
4.8
4.95
V
VHYS(RES)
Hysteresis of reset buffer
-
50
-
200
mV
IHsource (RES) High level source current
Reset = 0 V
1000
1300
1600
μA
ILsink (RES)
Low level sink current
Reset = 5 V
14
16
18
mA
RES delay
Cres = 47nF
-
10
-
60
ms
ΔTRES
Reset rise and fall time
R = 10 k
Ω C = 15 pF
-
-
50
μs
ICharge
Charge current
CRES = 0 V
3
5
10
μA
IDischarge
Discharge current
CRES = 5 V
1
-
3
mA
VTH(F)
Falling voltage threshold
-
1
1.2
1.4
V
VTH(R)
Rising voltage threshold
-
2.5
2.8
3.5
V
Vol
Low level
ISINK(RES) = 1 mA
0.3
0.5
V
Voh
High level
-
4.5
Vreg2
5.5
V
Hold signal
VlowI
Hold output low for Vin1 low
Low detection
-
-
9
V
Vlowh
Hold output high for Vin1
normal
Normal high detection
10
-
18
V
Vlowl
Hold output low for Vin1 high
low detection
22
-
-
V
VHOLD R
Low VIN1 threshold
VIN1 Low TH.
9
9.5
10
V
VHYS (HOLD_L) Hysteresis low TH.
-
50
150
200
mV
VHOLD F
High VIN1 threshold
VIN1 High TH.
182022
V
VHYS (HOLD_M) Hysteresis high TH.
-
50
150
250
mV
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com