| Zakładka z wyszukiwarką danych komponentów |
|
AX88760 Arkusz danych(PDF) 13 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88760 Arkusz danych(HTML) 13 Page - ASIX Electronics Corporation |
|
13 / 18 page ![]() 13 AX88760 Product Introduction 7-2. Windows Production Test Tool ASIX Electronics provides a Windows Production Test tool for users to run some basic network function tests and program the EEPROM of their AX88760 based application systems during production. This tool is used for testing the USB to Ethernet network product that uses ASIX AX88760 chip. This tool supports to send/receive packets in different Ethernet speed modes, and program EEPROM. This tool must be run on a Windows Vista/XP/2000 PC, which installs the AX88760 special Windows test driver. This tool also needs a separate server PC to run the test server tool. The test server tool on server PC can receive packets from the “device under test” product, and then reply back. Figure 7. Windows Production Test Tool Copyright (C) 2009 Reserved by ASIX Electronics Corporation |