| Zakładka z wyszukiwarką danych komponentów |
|
BAT30AFILM Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT30AFILM Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 14 page ![]() BAT30 Package information Doc ID 12564 Rev 3 7/14 3 Package information ● Epoxy meets UL94, V0 ● Lead-free packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 16. SOD-323 footprint (dimensions in mm) Table 6. SOD-323 dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A - 1.17 - 0.046 A1 0 0.1 0 0.004 b 0.25 0.44 0.01 0.017 c 0.1 0.25 0.004 0.01 D 1.52 1.8 0.06 0.071 E 1.11 1.45 0.044 0.057 H 2.3 2.7 0.09 0.106 L 0.1 0.46 0.004 0.02 Q1 0.1 0.41 0.004 0.016 H b D E A1 A L Q1 c 3.20 0.30 1.08 1.06 1.06 |