Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F101X4 Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części STM32F101X4
Szczegółowy opis  Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X4 Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button STM32F101X4 Datasheet HTML 19Page - STMicroelectronics STM32F101X4 Datasheet HTML 20Page - STMicroelectronics STM32F101X4 Datasheet HTML 21Page - STMicroelectronics STM32F101X4 Datasheet HTML 22Page - STMicroelectronics STM32F101X4 Datasheet HTML 23Page - STMicroelectronics STM32F101X4 Datasheet HTML 24Page - STMicroelectronics STM32F101X4 Datasheet HTML 25Page - STMicroelectronics STM32F101X4 Datasheet HTML 26Page - STMicroelectronics STM32F101X4 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
STM32F101x4, STM32F101x6
Pinouts and pin description
Doc ID 15058 Rev 5
23/79
Table 4.
Low-density STM32F101xx pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3)(4)
Default
Remap
11
-
VBAT
SVBAT
2
2
-
PC13-TAMPER-RTC(5)
I/O
PC13(6)
TAMPER-RTC
3
3
-
PC14-OSC32_IN(5)
I/O
PC14(6)
OSC32_IN
4
4
-
PC15-OSC32_OUT(5)
I/O
PC15(6)
OSC32_OUT
5
5
2
OSC_IN
I
OSC_IN
6
6
3
OSC_OUT
O
OSC_OUT
7
7
4
NRST
I/O
NRST
-
8
-
PC0
I/O
PC0
ADC_IN10
-
9
-
PC1
I/O
PC1
ADC_IN11
-
10
-
PC2
I/O
PC2
ADC_IN12
-
11
-
PC3
I/O
PC3
ADC_IN13
812
5
VSSA
SVSSA
913
6
VDDA
SVDDA
10
14
7
PA0-WKUP
I/O
PA0
WKUP/USART2_CTS/
ADC_IN0/
TIM2_CH1_ETR(7)
11
15
8
PA1
I/O
PA1
USART2_RTS/
ADC_IN1/TIM2_CH2(7)
12
16
9
PA2
I/O
PA2
USART2_TX/
ADC_IN2/TIM2_CH3(7)
13
17
10
PA3
I/O
PA3
USART2_RX/
ADC_IN3/TIM2_CH4(7)
-18
-
VSS_4
SVSS_4
-19
-
VDD_4
SVDD_4
14
20
11
PA4
I/O
PA4
SPI_NSS(7)/ADC_IN4
USART2_CK
15
21
12
PA5
I/O
PA5
SPI_SCK(7)/ADC_IN5
16
22
13
PA6
I/O
PA6
SPI_MISO(7)/ADC_IN6/
TIM3_CH1(7)
17
23
14
PA7
I/O
PA7
SPI_MOSI(7)/ADC_IN7/
TIM3_CH2(7)
-
24
PC4
I/O
PC4
ADC_IN14
-
25
PC5
I/O
PC5
ADC_IN15
18
26
15
PB0
I/O
PB0
ADC_IN8/TIM3_CH3(7)
19
27
16
PB1
I/O
PB1
ADC_IN9/TIM3_CH4(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79