| Zakładka z wyszukiwarką danych komponentów |
|
TLC272CPWR Arkusz danych(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC272CPWR Arkusz danych(HTML) 33 Page - Texas Instruments |
|
33 / 51 page ![]() TLC272, TLC272A, TLC272B, TLC272Y, TLC277 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002 33 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION 10 k Ω 10 k Ω 5 k Ω VI 10 k Ω 10 k Ω 10 k Ω 0.016 µF R = 5 k Ω(3/d-1) (see Note A) Band Pass High Pass Low Pass 0.016 µF 5 V 1/2 TLC272 1/2 TLC272 1/2 TLC272 NOTE A: d = damping factor, 1/Q Figure 44. State-Variable Filter 1/2 TLC272 VI 12 V H.P. 5082-2835 0.5 µF Mylar VO 100 k Ω – + – + 1/2 TLC272 N.O. Reset Figure 45. Positive-Peak Detector |