Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFA-34-24T-HP-CDFI Arkusz danych(PDF) 10 Page - Source Photonics, Inc.

Numer części SFA-34-24T-HP-CDFI
Szczegółowy opis  Single Fiber, Integrated Diplexer Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFA-34-24T-HP-CDFI Arkusz danych(HTML) 10 Page - Source Photonics, Inc.

Back Button SFA-34-24T-HP-CDFI Datasheet HTML 4Page - Source Photonics, Inc. SFA-34-24T-HP-CDFI Datasheet HTML 5Page - Source Photonics, Inc. SFA-34-24T-HP-CDFI Datasheet HTML 6Page - Source Photonics, Inc. SFA-34-24T-HP-CDFI Datasheet HTML 7Page - Source Photonics, Inc. SFA-34-24T-HP-CDFI Datasheet HTML 8Page - Source Photonics, Inc. SFA-34-24T-HP-CDFI Datasheet HTML 9Page - Source Photonics, Inc. SFA-34-24T-HP-CDFI Datasheet HTML 10Page - Source Photonics, Inc. SFA-34-24T-HP-CDFI Datasheet HTML 11Page - Source Photonics, Inc. SFA-34-24T-HP-CDFI Datasheet HTML 12Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS-6529 Rev 01 2011-03-28
SFA-34-24T-HP-CDFI
90
5A
2
V(Offset) Calibration
00 00
Offset for VCC calibration
92
5C
3
Reserved
00 00 00
Reserved
95
5F
1
Checksum
xx
Checksum
96
60
2
Transceiver Temperature
xx xx
Temperature in C/256
98
62
2
Supply Voltage
xx xx
Vcc
100
64
2
TX Bias Current
xx xx
BIASMON
102
66
2
TX Optical Output Power
xx xx
Back facet monitor
104
68
2
RX Optical Input Power
xx xx
RSSI
106
6A
2
Reserved
00 00
Reserved
108
6C
2
Reserved
00 00
Reserved
110
6E.7
1bit
TX_DIS State
x
Soft TX disable state
6E.6
1bit
Soft TX Disable
x
Write bit that allows software disable
laser output.
6E.5
1bit
Reserved.
0
Reserved
6E.4
1bit
Rate Select State
0
NOT SUPPORTED.
6E.3
1bit
Rate Select
0
NOT SUPPORTED.
6E.2
1bit
TX_FAULT
x
Digital state of the TX Fault Output
6E.1
1bit
Rx LOS
x
Digital state of the Rx LOS Output
6E.0
1bit
Data Ready Bar
x
Indicates transceiver has achieved
power up and data is ready.
111
6F.7
1bit
Reserved
0
Reserved
6F.6
1bit
Reserved
0
Reserved
6F.5
1bit
Reserved
0
Reserved
6F.4
1bit
Reserved
0
Reserved
6F.3
1bit
Reserved
0
Reserved
6F.2
1bit
Reserved
x
Reserved
6F.1
1bit
Reserved
0
Reserved
6F.0
1bit
Reserved
x
Reserved
112
70.7
1bit
Temperature too high alarm
x
Temperature too high alarm
70.6
1bit
Temperature too low alarm
x
Temperature too low alarm
70.5
1bit
VCC too high alarm
x
VCC too high alarm
70.4
1bit
VCC too low alarm
x
VCC too low alarm
70.3
1bit
BIASMON too high alarm
x
BIASMON too high alarm
70.2
1bit
BIASMON too low alarm
x
BIASMON too low alarm
70.1
1bit
TX Power too high alarm
x
TX Power too high alarm
70.0
1bit
TX Power too low alarm
x
TX Power too low alarm
113
71.7
1bit
RX Power too high alarm
x
RX Power too high alarm
71.6
1bit
RX Power too low alarm
x
RX Power too low alarm
71.5
1bit
Reserved interrupt status bit
x
Reserved interrupt status bit
71.4
1bit
Reserved interrupt status bit
x
Reserved interrupt status bit
71.3
1bit
Reserved interrupt status bit
x
Reserved interrupt status bit
71.2
1bit
Reserved interrupt status bit
x
Reserved interrupt status bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com