| Zakładka z wyszukiwarką danych komponentów |
|
7660CBA Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
7660CBA Arkusz danych(HTML) 2 Page - Intersil Corporation |
|
2 / 11 page ![]() 2 FN3072.7 October 10, 2005 Ordering Information PART NUMBER TEMP. RANGE (°C) PACKAGE PKG. DWG. # ICL7660CBA* 7660CBA 0 to 70 8 Ld SOIC (N) M8.15 ICL7660CBAZ* (See Note) 7660CBAZ 0 to 70 8 Ld SOIC (N) (Pb-free) M8.15 ICL7660CBAZA* (See Note) 7660CBAZ 0 to 70 8 Ld SOIC (N) (Pb-free) M8.15 ICL7660CPA 7660CPA 0 to 70 8 Ld PDIP E8.3 ICL7660CPAZ ( See Note) 7660CPAZ 0 to 70 8 Ld PDIP** (Pb-free) E8.3 ICL7660ACBA* 7660ACBA 0 to 70 8 Ld SOIC (N) M8.15 ICL7660ACBAZA* (See Note) 7660ACBAZ 0 to 70 8 Ld SOIC (N) (Pb-free) M8.15 ICL7660ACPA 7660ACPA 0 to 70 8 Ld PDIP E8.3 ICL7660ACPAZ (See Note) 7660ACPAZ 0 to 70 8 Ld PDIP** (Pb-free) E8.3 ICL7660AIBA* 7660AIBA -40 to 85 8 Ld SOIC (N) M8.15 ICL7660AIBAZA* (See Note) 7660AIBAZ -40 to 85 8 Ld SOIC (N) (Pb-free) M8.15 *Add “-T” suffix to part number for tape and reel packaging. **Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. ICL7660, ICL7660A |