| Zakładka z wyszukiwarką danych komponentów |
|
E39-R1S Arkusz danych(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1S Arkusz danych(HTML) 2 Page - Omron Electronics LLC |
|
2 / 38 page ![]() 2 Cable connectors – quick guide and selection table Size Shape Type Features Material Order code Extended Portfolio andSpecs on Page Nut Cable M8 General purpose (screw) 3 pin (LED optionally) Brass (CuZn) PVC 2 m PUR 2 m XS3F-M8PVC3S2M XS3F-M8PUR3S2M XS3F-M8PVC3A2M XS3F-M8PUR3A2M 3 4pin PVC 2 m PUR 2 m XS3F-M8PVC4S2M XS3F-M8PUR4S2M XS3F-M8PVC4A2M XS3F-M8PUR4A2M 3 Detergent resistant 4 pin Stainless steel (SUS316L) PVC 2 m Y92E- S08PVC4S2M-L Y92E- S08PVC4A2M-L 6 Robotic 4 pin Brass (CuZn) Robotic PVC 2 m XS3F-M421-402-R XS3F-M422-402-R 8 M12 General purpose (screw) 3 wire (LED optionally) Brass (CuZn) PVC 2 m PUR 2 m XS2F-M12PVC3S2M XS2F-M12PUR3S2M XS2F-M12PVC3A2M XS2F-M12PUR3A2M 3 4 wire PVC 2 m PUR 2 m XS2F-M12PVC4S2M XS2F-M12PUR4S2M XS2F-M12PVC4A2M XS2F-M12PUR4A2M 3 5 wire PVC 2 m PUR 2 m XS2F-M12PVC5S2M XS2F-M12PUR5S2M XS2F-M12PVC5A2M XS2F-M12PUR5A2M 3 Detergent resistant 4 wire Stainless steel (SUS316L) PVC 2 m Y92E- S12PVC4S2M-L Y92E- S12PVC4A2M-L 6 105°C Heat resistant 4 wire Stainless steel (SUS316L) Heat resist- ant PVC 2m XS2F-E421-D80-E XS2F-E422-D80-E 12 Twist & click 4 wire Nickel plated Zinc PVC 2 m PUR 2 m XS5F-D421-D80-A XS5F-D421-D80-P XS5F-D422-D80-A XS5F-D422-D80-P 14 Robotic 4 wire Brass (CuZn) Robotic PVC 2 m XS2F-D421-D80-R XS2F-D422-D80-R 8 Fiber amplifi- er (E3X) connec- tor Fiber amplifier connectors Special fiber connector - 4 wire PBT PVC 2 m E3X-CN21 19 Special fiber connector + M8 plug Plug: Zinc diecast PVC 30 cm with M8 4-pin plug E3X-CN21-M3J-2 0.3M 19 Special fiber connector + M12 plug PVC 30 cm with M12 4-pin plug E3X-CN21-M1J 0.3M 19 Photo- micro- sensor (EE-SX) connec- tor Cable connec- tor Cable connector standard cable Nylon PVC 1 m EE-1017 1M 21 robotic cable EE-1017-R 1M 21 M8/M12 Confection- able Plugs and connectors for self assembly Brass n.a. XS2G, XS2C Y92E_conf 15 M12 Field I/0 boxes Direct wiring or DeviceNet communi- cation - XW3B, DRT2 18 M8/M12 T-connectors, covers, accessories and extended wiring portfolio n.a. - XS2R, XS3R, XY2F, .. 23 |