Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SR107AD01 Arkusz danych(PDF) 2 Page - Omron Electronics LLC

Numer części SR107AD01
Szczegółowy opis  Dual Channel Safety Monitoring Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SR107AD01 Arkusz danych(HTML) 2 Page - Omron Electronics LLC

  SR107AD01 Datasheet HTML 1Page - Omron Electronics LLC SR107AD01 Datasheet HTML 2Page - Omron Electronics LLC SR107AD01 Datasheet HTML 3Page - Omron Electronics LLC SR107AD01 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
H
■
Application
SR107AD, SR108AD and SR109AD
Terminal Connections and Output Contact Arrangements
24VAC/DC, 110VAC, 230VAC
11 21
33
12 22
34
T5009
INTERLOCK
SWITCH
K1 (AUX)
K2 (AUX)
START
MOMENTARY
PUSH
BUTTON
STOP
MOMENTARY
PUSH
BUTTON
FUSE
K1
K2
m
K1
K2
L1 L2 L3
CONTACT
PROTECTION
E.G. THERMAL
CUT OUT
RESET
MOMENTARY
PUSH
BUTTON
EB SERIES
LATCHING
E-STOP
BUTTON
relay control and
fault monitoring
Power supply
(S11 = 24 V)
A2
A1
S11
S21
13
23
14
K1
K2
K3
K4
24
S10 S13
S12
S14
FUSE
37
38
47
48
GUARD
CLOSED
Sr108 timer
Pin Assignment
A2
A1
UB
0V
+UB
Dc
n
l1
Ac
13
14
27
28
37
38
47
48
Sr107AD
Sr108AD
13
14
23
24
33
34
47
48
Sr109AD
13
14
23
24
37
38
47
48
See the SR102AM for
wiring to a light curtain
✎



Html Pages

1 2 3 4