| Zakładka z wyszukiwarką danych komponentów |
|
WLSD2 Arkusz danych(PDF) 42 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLSD2 Arkusz danych(HTML) 42 Page - Omron Electronics LLC |
|
42 / 42 page ![]() WL WL 42 Connectors Either the easy-to-use Allen-head nut or the SC Connector can be used as connectors. To ensure high-sealing properties, use the SC Connector. (Refer to pages NO TAG to NO TAG.) (SC-1M to -5M and others.) Wiring Use 1.25-mm lead wires and M4-insulation covered crimp terminals for wiring. Crimp Terminal External Dimensions dz dia. 4.3 Ddia. 4.5 B: 8.5 L: 21.0 F: 7.8 ℓ: 9.0 (mm) Ddia. dz dia. Wiring Method Switch Box Section Ground terminal NO terminal NC terminal Note: The ground terminal is only installed on models with ground terminals. Rotating Lever Set Position All rotating lever models, except the fork lever lock, have a set posi- tion marker plate. (See page 7.) After operation, set the indicator needle on the marker plate so that is in the convex section of the bearing. Terminal Plate By using a short circuit plate, as shown in the following diagram, the Switch can be fabricated into a single-polarity double-break model. When ordering specify WL Terminal Plate (product code: WL-9662F). t = 0.6 Copper plate ALL DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527. Cat. No. C001-E1-12 |