| Zakładka z wyszukiwarką danych komponentów |
|
EMC1063 Arkusz danych(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
EMC1063 Arkusz danych(HTML) 34 Page - Microchip Technology |
|
34 / 44 page ![]() 34 Analog & Interface Product Selector Guide Tape and Reel: TF: Tape and Reel F: No Tape and Reel Package Type (2 to 4 characters, see table below) Product Part Number (3 characters, see specific data sheet) Product Prefix Part Number Suffix Designations Ordering Information for all Microchip Analog Products beginning with “RE46C” prefix RE46C xxx yyyy zz Analog Product Part Numbers Package Description # of Pins Tube/Bag Qty. Reel Qty. E8 PDIP 8 60 N/A S8 SOIC 8 100 3300 E14 PDIP 14 30 N/A S14 SOIC 14 57 2600 E16 PDIP 16 30 N/A S16 SOIC 16 50 2600 SW16 SOIC (300 mil) 16 47 1000 Tape and Reel: TR: Tape and Reel Blank: No Tape and Reel Package Type (see table below) Functional Option (refer to data sheet) Product Part Number (4-5 characters) Product Prefix for USB port power controllers Part Number Suffix Designations Ordering Information for all Microchip Analog Products beginning with “UCS” prefix UCS xxxxx - y - ppp - tt Package Description # of Pins Reel Qty. BP QFN (4 × 4) 20 4000 |