| Zakładka z wyszukiwarką danych komponentów |
|
RTB34018F Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
RTB34018F Arkusz danych(HTML) 2 Page - Tyco Electronics |
|
2 / 2 page ![]() 447 P&B Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Catalog 1308242 Issued 3-03 (pdf revised 1-06) Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. Typical Part Number B RT B 3 4 012 F 1. Basic Series: RT = Miniature, printed circuit board relay. 2. Enclosure: 1 = 1 pole 12A, Pinning 3.5mm, flux-tight (Code 1). B = 1 pole 12A, Pinning 3.5mm, sealed (Code 1). 2 = 1 pole 12A, Pinning 5mm, flux-tight (Code 2). C = 1 pole 12A, Pinning 5mm, sealed (Code 2). 3 = 1 pole 16A, Pinning 5mm, flux-tight (Code 3). D = 1 pole 16A, Pinning 5mm, sealed (Code 3). 4 = 2 pole 8A, Pinning 5mm, flux-tight (Code 5). E = 2 pole 8A, Pinning 5mm, sealed (Code 5). 3. Contact Arrangement: 1 = 1 Form C (SPDT) (Requires wiring diagram codes 1, 2 or 3.) 2 = 2 Form C (DPDT) (Requires wiring diagram code 5.) 3 = 1 Form A (SPST-NO) (Requires wiring diagram codes 1, 2 or 3.) 4 = 2 Form A (DPST-NO) (Requires wiring diagram code 5.) 4. Contact Material: 4 = Silver-nickel 90/10 (standard stock). 5. Coil Voltage: 005 = 5VDC 009 = 9VDC 018 = 18VDC 048 = 48VDC 110 = 110VDC 006 = 6VDC 012 = 12VDC 024 = 24VDC 060 = 60VDC 5. Coil Insulation Classification, Brand and Case Color F = UL Class F, Potter & Brumfield Brand, Black Case Leave Blank = UL Class F, Schrack Brand, Orange Case Our authorized distributors are more likely to stock the following items for immediate delivery. RT114012F RT114024F RTB14005F RTB14012F RTB14024F RTB34012F RTB34024F RT314012F RT314024F RTD14005F RTD14012F RTD14024F RTD34012F RT424012F RT424024F RTE24005F RTE24012F RTE24024F RTE44012F RTE44024F Ordering Information (DC Coil Models) Outline Dimensions Wiring Diagrams (Bottom View) .276 (7.0) .300 (7.62) .300 (7.62) .800 (20.32) .051 DIA. (1.30) .800 (20.32) .400 (10.16) .051 DIA. (1.30) 051 DIA. (1.30) .051 DIA. (1.30) .300 (7.62) .800 (20.32) .400 (10.16) .051 DIA. (1.30) .051 DIA. (1.30) PC Board Layouts (Bottom View) Breaking Capacity 50 10 1 2 5 0.1 0.5 50 10 1 2 5 0.1 0.5 10 20 50 100 200 300 10 20 50 100 200 300 DC Voltage DC Voltage A B A B 1 Pole 12A 1 Pole 16A 2 Pole 8A Codes 1 & 2 Code 3 Code 5 1 Pole 12A 3.5mm 1 Pole 16A 2 Pole 8A 5mm Code 1 1 Pole 2 Pole A: 1 Contact. B: 2 Contacts in series. Contact Life for Resistive AC Load (Typical) 10 7 0 0.8 1.6 2.4 3.2 4.0 Breaking Capacity (kVA) 10 6 10 5 10 4 0.4 1.2 2.0 2.8 3.6 A B C A: 8A Model B: 12A Model C: 16A Model Note: Data from 250VAC @ 70°C. Code 3 & 5 .62 (15.7) .50 (12.7) 1.14 (29) 6X .031 X .020 (.80 X .52) 2X .020 X .020 (.52 X .52) .17 (4.3) A: 16A Version. B: 12A Version. Notes: 1. On single throw models, only necessary terminals are present. 2. With the recommended PCB hole sizes, a grid with a pattern from 0.0984 to 0.1 in (2.5 - 2.54 mm) can be used. Note: On single throw models, only necessary terminals are present. 1 Pole 12A 5mm Code 2 |