| Zakładka z wyszukiwarką danych komponentów |
|
VOF-25-12 Arkusz danych(PDF) 1 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
VOF-25-12 Arkusz danych(HTML) 1 Page - CUI INC |
|
1 / 5 page ![]() cui.com date 08/17/2012 page 1 of 5 SERIES: VOF-25 │ DESCRIPTION: AC-DC POWER SUPPLY MODEL output voltage output current output power ripple1 and noise efficiency (Vdc) max (A) max (W) max (mVp-p) typ (%) VOF-25-3.3 3.3 4.4 15 50 70 VOF-25-5 5 4.4 22 50 73 VOF-25-7.5 7.5 3.0 23 75 73 VOF-25-9 9 2.7 24 90 77 VOF-25-12 12 2.0 24 120 80 VOF-25-15 15 1.6 24 150 80 VOF-25-24 24 1.0 24 240 82 Notes: 1. Ripple & noise are measured at 20 MHz BW with 0.1 μF ceramic cap and a 10 μF electrolytic capacitors on the output and the two earth ground pads are connected to input earth ground. PART NUMBER KEY VOF-25 - XX Base Number Output Voltage FEATURES • up to 25 W continuous power • compact size • universal input (85~264 Vac) • single output from 3.3~24 V • user trimmable output voltage • 3000 V isolation • over current, over voltage, and short circuit protections • UL/cUL and TUV 60950-1 safety approvals • efficiency up to 82% RoHS |
Podobny numer części - VOF-25-12 |
|
Podobny opis - VOF-25-12 |