Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1385ARS Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADM1385ARS
Szczegółowy opis  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1385ARS Arkusz danych(HTML) 4 Page - Analog Devices

  ADM1385ARS Datasheet HTML 1Page - Analog Devices ADM1385ARS Datasheet HTML 2Page - Analog Devices ADM1385ARS Datasheet HTML 3Page - Analog Devices ADM1385ARS Datasheet HTML 4Page - Analog Devices ADM1385ARS Datasheet HTML 5Page - Analog Devices ADM1385ARS Datasheet HTML 6Page - Analog Devices ADM1385ARS Datasheet HTML 7Page - Analog Devices ADM1385ARS Datasheet HTML 8Page - Analog Devices ADM1385ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
VCC
−0.3 V to +6 V
V+
(VCC − 0.3 V) to +14 V
V−
+0.3 V to –14 V
Input Voltages
TIN
−0.3 V to (V+, +0.3 V)
RIN
±30 V
Output Voltages
TOUT
±15 V
ROUT
−0.3 V to (VCC + 0.3 V)
Short-Circuit Duration
TOUT
Continuous
Power Dissipation (Derates 6 mW/°C
above 50°C)
450 mW
Thermal Impedance, θJA
N-16/N-18 (2-Layer Test Board)
117°C/W
RW-16/RW-18 (4-Layer Test Board)
56°C/W
R-16 (4-Layer Test Board)
81°C/W
RU-16 (4-Layer Test Board)
113°C/W
RU-20 (4-Layer Test Board)
110°C/W
RS-20 (4-Layer Test Board)
83°C/W
Operating Temperature Range
Industrial (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec)
JEDEC industry
standard J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com